Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6603BECBZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP6603BECBZ
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603BECBZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP6603BECBZ Datasheet HTML 4Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 5Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 6Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 7Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 8Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 9Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 10Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 11Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 12Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
FN9072.8
May 1, 2012
Typical Performance Curves
FIGURE 3. POWER DISSIPATION vs LOADING
FIGURE 4. POWER DISSIPATION vs FREQUENCY (HIP6603B)
FIGURE 5. 3nF LOADING PROFILE (HIP6603B)
FIGURE 6. VARIABLE LOADING PROFILE (HIP6603B)
FIGURE 7. POWER DISSIPATION vs FREQUENCY (HIP6601B)
FIGURE 8. POWER DISSIPATION vs LOWER GATE
CAPACITANCE FOR FIXED VALUES OF UPPER
GATE CAPACITANCE
1000
800
600
400
200
1.02.0
3.04.0
5.0
GATE CAPACITANCE (CU = CL) (nF)
0
VCC = PVCC = 12V
FREQUENCY
= 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
VCC = 12V, PVCC = 5V
CU = CL = 2nF
CU = CL = 1nF
CU = CL = 5nF
CU = CL = 4nF
CU = CL = 3nF
VCC = 12V, PVCC = 5V
CU = CL = 3nF
CU = 3nF
CU = 0nF
CL = 0nF
CL = 3nF
400
300
200
100
0
0
500
1000
1500
2000
FREQUENCY (kHz)
FREQUENCY = 500kHz
FREQUENCY = 1MHz
VCC = 12V,
FREQUENCY = 200kHz
PVCC = 5V
FREQUENCY = 500kHz
400
300
200
100
0
1.0
2.0
3.0
4.0
5.0
GATE CAPACITANCE = (CU = CL) (nF)
VCC = 12V, PVCC = 5V
FREQUENCY = 1MHz
FREQUENCY = 500kHz
FREQUENCY = 200kHz
1000
600
400
200
0
1.0
2.0
3.0
4.0
5.0
800
GATE CAPACITANCE (CU = CL) (nF)
500
400
300
200
1.0
2.0
3.0
4.0
5.0
LOWER GATE CAPACITANCE (CL) (nF)
100
VCC = 12V, PVCC = 5V
FREQUENCY = 500kHz
CU = 5nF
CU = 3nF
CU = 1nF
HIP6601B, HIP6603B, HIP6604B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com