Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HIP6603BECBZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP6603BECBZ
Description  Synchronous Rectified Buck MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP6603BECBZ Datasheet(HTML) 2 Page - Intersil Corporation

  HIP6603BECBZ Datasheet HTML 1Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 2Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 3Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 4Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 5Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 6Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 7Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 8Page - Intersil Corporation HIP6603BECBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN9072.8
May 1, 2012
Pinouts
HIP6601BCB, HIP6603BCB,
HIP6601BECB, HIP6603BECB,
(8 LD SOIC, EPSOIC)
TOP VIEW
HIP6604B
(16 LD QFN)
TOP VIEW
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING
TEMP.
RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
HIP6601BCBZ*
6601 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6601BCBZA*
6601 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6601BECBZ*
6601 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6601BECBZA* 6601 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6603BCBZ*
6603 BCBZ
0 to +85
8 Ld SOIC
M8.15
HIP6603BECBZ*
6603 BECBZ
0 to +85
8 Ld EPSOIC M8.15B
HIP6604BCRZ*
66 04BCRZ
0 to +85
16 Ld QFN
L16.4x4
*Add “-T” suffix for tape and reel. Please refer to TB347 for details on
reel specifications.
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free
material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and
compatible with both SnPb and Pb-free soldering operations). Intersil Pb-
free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information
page for HIP6601B, HIP6603B, HIP6604B. For more information
on MSL, please see Technical Brief TB363.
UGATE
BOOT
PWM
GND
1
2
3
4
8
7
6
5
PHASE
PVCC
VCC
LGATE
1
3
4
15
NC
BOOT
PWM
GND
16
14
13
2
12
10
9
11
6
57
8
NC
PVCC
LVCC
VCC
Block Diagrams
HIP6601B AND HIP6603B
HIP6604B QFN PACKAGE
PVCC
VCC
PWM
+5V
10k
10k
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
GND
† VCC FOR HIP6601B
†
PVCC FOR HIP6603B
FOR HIP6601BECB AND HIP6603BECB DEVICES, THE PAD ON THE BOTTOM
PAD
SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD.
PVCC
VCC
PWM
+5V
10k
10k
CONTROL
LOGIC
SHOOT-
THROUGH
PROTECTION
BOOT
UGATE
PHASE
LGATE
PGND
LVCC
CONNECT LVCC TO VCC FOR HIP6601B CONFIGURATION
GND
PAD
PAD ON THE BOTTOM SIDE OF THE PACKAGE MUST BE SOLDERED TO THE PC BOARD
CONNECT LVCC TO PVCC FOR HIP6603B CONFIGURATION.
HIP6601B, HIP6603B, HIP6604B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com