Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4376 Datasheet(PDF) 89 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 89 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 85Page - Texas Instruments AM4376 Datasheet HTML 86Page - Texas Instruments AM4376 Datasheet HTML 87Page - Texas Instruments AM4376 Datasheet HTML 88Page - Texas Instruments AM4376 Datasheet HTML 89Page - Texas Instruments AM4376 Datasheet HTML 90Page - Texas Instruments AM4376 Datasheet HTML 91Page - Texas Instruments AM4376 Datasheet HTML 92Page - Texas Instruments AM4376 Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
www.ti.com
SPRS851B – JUNE 2014 – REVISED APRIL 2015
Table 4-52. PRU-ICSS1/ECAT Signal Descriptions (continued)
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
pr1_edio_data_in5
Data In
I
A24
pr1_edio_data_in6
Data In
I
B9, C20
pr1_edio_data_in7
Data In
I
E19, F10
pr1_edio_data_out0
Data Out
O
T21
pr1_edio_data_out1
Data Out
O
T20
pr1_edio_data_out2
Data Out
O
B23
pr1_edio_data_out3
Data Out
O
A23
pr1_edio_data_out4
Data Out
O
A22
pr1_edio_data_out5
Data Out
O
A24
pr1_edio_data_out6
Data Out
O
B9, C20
pr1_edio_data_out7
Data Out
O
E19, F10
pr1_edio_latch_in
Latch In
I
AE23
pr1_edio_outvalid
Data Out Valid
O
AD18
pr1_edio_sof
Start of Frame
O
AB25, AE17
Table 4-53. PRU-ICSS1/MDIO Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
pr1_mdio_data
MDIO Data
IO
A17, B12, D24
pr1_mdio_mdclk
MDIO Clk
O
A12, B17, C24
Table 4-54. PRU-ICSS1/MII0 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
pr1_mii0_col
MII Collision Detect
I
A10, D25
pr1_mii0_crs
MII Carrier Sense
I
B12, G20
pr1_mii0_rxd0
MII Receive Data bit 0
I
B18
pr1_mii0_rxd1
MII Receive Data bit 1
I
A18
pr1_mii0_rxd2
MII Receive Data bit 2
I
B19
pr1_mii0_rxd3
MII Receive Data bit 3
I
A19
pr1_mii0_rxdv
MII Receive Data Valid
I
D17
pr1_mii0_rxer
MII Receive Data Error
I
D19
pr1_mii0_rxlink
MII Receive Link
I
C19, E25
pr1_mii0_txd0
MII Transmit Data bit 0
O
B11, B20
pr1_mii0_txd1
MII Transmit Data bit 1
O
A20, C11
pr1_mii0_txd2
MII Transmit Data bit 2
O
C21, E11
pr1_mii0_txd3
MII Transmit Data bit 3
O
B21, D11
pr1_mii0_txen
MII Transmit Enable
O
A21, F11
pr1_mii_mr0_clk
MII Receive Clock
I
C17
pr1_mii_mt0_clk
MII Transmit Clock
I
B10, B22
Table 4-55. PRU-ICSS1/MII1 Signal Descriptions
SIGNAL NAME [1]
DESCRIPTION [2]
TYPE [3]
ZDN BALL [4]
pr1_mii1_col
MII Collision Detect
I
A3, F24
pr1_mii1_crs
MII Carrier Sense
I
A12, A2, F23
pr1_mii1_rxd0
MII Receive Data bit 0
I
D8
pr1_mii1_rxd1
MII Receive Data bit 1
I
G8
pr1_mii1_rxd2
MII Receive Data bit 2
I
B4
Copyright © 2014–2015, Texas Instruments Incorporated
Terminal Configuration and Functions
89
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com