Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM4376 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # AM4376
Description  AM437x Sitara??Processors
PDF  261 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM4376 Datasheet(HTML) 20 Page - Texas Instruments

Back Button AM4376 Datasheet HTML 16Page - Texas Instruments AM4376 Datasheet HTML 17Page - Texas Instruments AM4376 Datasheet HTML 18Page - Texas Instruments AM4376 Datasheet HTML 19Page - Texas Instruments AM4376 Datasheet HTML 20Page - Texas Instruments AM4376 Datasheet HTML 21Page - Texas Instruments AM4376 Datasheet HTML 22Page - Texas Instruments AM4376 Datasheet HTML 23Page - Texas Instruments AM4376 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 261 page
background image
AM4376, AM4377, AM4378, AM4379
SPRS851B – JUNE 2014 – REVISED APRIL 2015
www.ti.com
4.2
Ball Characteristics
1. BALL NUMBER: Package ball numbers associated with each signals.
2. PIN NAME: The name of the package pin.
Note: The table does not take into account subsystem terminal multiplexing options.
3. SIGNAL NAME: The signal name for that pin in the mode being used.
4. MODE: Multiplexing mode number.
(a) Mode 0 is the primary mode; this means that when mode 0 is set, the function mapped on the
terminal corresponds to the name of the terminal. There is always a function mapped on the
primary mode. Notice that primary mode is not necessarily the default mode.
Note: The default mode is the mode at the release of the reset; also see the RESET REL. MODE
column.
(b) Modes 1 to 7 are possible modes for alternate functions. On each terminal, some modes are
effectively used for alternate functions, while some modes are not used and do not correspond to a
functional configuration.
5. TYPE: Signal direction
–
I = Input
–
O = Output
–
IO = Input and Output
–
D = Open drain
–
DS = Differential
–
A = Analog
–
PWR = Power
–
GND = Ground
Note: In the safe_mode, the buffer is configured in high-impedance.
6. BALL RESET STATE: State of the terminal while the active low PWRONRSTn terminal is low.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z or OFF: High-impedance
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
7. BALL RESET REL. STATE: State of the terminal after the active low PWRONRSTn terminal
transitions from low to high.
–
0: The buffer drives VOL (pulldown or pullup resistor not activated)
0(PD): The buffer drives VOL with an active pulldown resistor
–
1: The buffer drives VOH (pulldown or pullup resistor not activated)
1(PU): The buffer drives VOH with an active pullup resistor
–
Z or OFF: High-impedance.
–
L: High-impedance with an active pulldown resistor
–
H : High-impedance with an active pullup resistor
8. RESET REL. MODE: The mode is automatically configured after the active low PWRONRSTn terminal
transitions from low to high.
9. POWER: The voltage supply that powers the terminal’s IO buffers.
10. HYS: Indicates if the input buffer is with hysteresis.
11. BUFFER STRENGTH: Drive strength of the associated output buffer.
12. PULLUP OR PULLDOWN TYPE: Denotes the presence of an internal pullup or pulldown resistor.
Pullup and pulldown resistors can be enabled or disabled via software.
13. IO CELL: IO cell information.
20
Terminal Configuration and Functions
Copyright © 2014–2015, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: AM4376 AM4377 AM4378 AM4379



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com