Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  M35060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
PIN CONFIGURATION (TOP VIEW)
MITSUBISHI MICROCOMPUTERS
M35060-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
DESCRIPTION
M35060-XXXSP is CATV screen display control IC which can dis-
play 40 (horizontal) ! 16 (vertical). It has built-in SYRAM which can
be used with character ROM.
It uses a silicon gate CMOS process and it housed in a small 32-pin
shrink DIP package. For M35060-001SP and M35060-002SP that
are standard ROM versions of M35060-XXXSP, the character pat-
terns are also mentioned.
FEATURES
• Screen composition ................................ 40 characters ! 16 lines
• Number of characters displayed................................... 680 (Max.)
• Character composition ..................................... 12 ! 13 dot matrix
• Characters available character ROM ................ 256 characters
SYRAM .............................. 63 characters
• Character sizes available horizontal..................... 2 (once, twice)
vertical ......................... 2 (once, twice)
setting by every line
• Display locations available
Horizontal direction ................................................ 480 locations
Vertical direction .................................................... 235 locations
• Blinking ...................................................................character units
Cycle .... approximately 1 second, or approximately 0.5 seconds
Duty ............................................................... 25%, 50% or 75%
• Data input ............................................................ 8-bit parallel ! 3
• Coloring Character coloring ......... 8 colors choices per character
Background coloring ..... 8 colors choices per character
Raster coloring .................. 8 colors choices per screen
• Blanking
Character size blanking
Border size blanking
Matrix-outline
Halftone blanking
Can be set by every line
• General-purpose output ports
Combined port output ............ 6
(switching to RGB output)
• RAM erase ............................. Display RAM erasing by every line
SYRAM erasing separately
• Scrolling............ Bit by bit smooth scroll implemented by software
• Composite synchronizating signal generation .................... Built-in
(PAL, NTSC, M-PAL)
• Display oscillation circuit .................................................... Built-in
• Synchronous separation circuit .......................................... Built-in
• Synchronous correction circuit ........................................... Built-in
Outline 32P4B
SCK
TESTA
P5
P4
P3
P2
P1
P0
TESTB
OSCIN
OSCOUT
LP2
VDD2
LP1
VREF
CS
AD0
AD1
AD2
AD3
AD4
AD5
AD6
AD7
VDD1
VSS
CVIDEO
LECHA
LEBK
CVIN
HOR
AC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
REV.1.1


Similar Part No. - M35060

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M35060 RENESAS-M35060 Datasheet
505Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35060-XXXSP RENESAS-M35060-XXXSP Datasheet
505Kb / 42P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results

Similar Description - M35060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M35053 MITSUBISHI-M35053 Datasheet
298Kb / 47P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???
M35061 MITSUBISHI-M35061 Datasheet
273Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35062 MITSUBISHI-M35062 Datasheet
287Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
M35072 MITSUBISHI-M35072 Datasheet
245Kb / 52P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS???????
logo
Renesas Technology Corp
M35012-XXXSP RENESAS-M35012-XXXSP Datasheet
1Mb / 38P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35014-XXXSP RENESAS-M35014-XXXSP Datasheet
2Mb / 42P
SCREEN CHARACTER AND PATTERN DISPLAY CONTROLLERS
M35047-XXXSP RENESAS-M35047-XXXSP Datasheet
520Kb / 43P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35062 RENESAS-M35062 Datasheet
489Kb / 41P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35074 RENESAS-M35074 Datasheet
461Kb / 44P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
M35076 RENESAS-M35076 Datasheet
517Kb / 46P
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com