Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M35060 Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # M35060
Description  SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS??????
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M35060 Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button M35060 Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 26Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 27Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 28Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 29Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 30Page - Mitsubishi Electric Semiconductor M35060 Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
MITSUBISHI MICROCOMPUTERS
M35060-XXXSP
SCREEN CHARACTER and PATTERN DISPLAY CONTROLLERS
27
TIMING REQUIREMENTS (Ta = – 20°C to + 70°C, VDD = 5.00 ± 0.25V unless otherwise noted)
tW (SCK)
tsu (CS)
th (CS)
tsu (AD)
th (AD)
th (SCK)
Symbol
SCK width
CS setup time
CS hold time
AD setup time
AD hold time
1 word hold time
Paramenter
Limits
Min.
200
200
2
200
200
2
Typ.
—
—
—
—
—
—
Max.
—
—
—
—
—
—
ns
ns
ms
ns
ns
ms
Unit
Fig. 14 Serial input timing requirements
DATA INPUT
SCK
CS
CS
SCK
2
µs
(min.)
tw(CS)
tw(SCK)
tsu(AD)
th(AD)
tsu(CS)
th(CS)
tw(SCK)
12
3
1
2
3
12
3
th(SCK)
AD0 to 7
more than
2
µs
th(SCK)
more than
2
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com