Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHCT1G66G-AL5-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74AHCT1G66G-AL5-R
Description  BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G66G-AL5-R Datasheet(HTML) 3 Page - Unisonic Technologies

  U74AHCT1G66G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
U74AHCT1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R126-001.B
ABSOLUTE MAXIMUM RATINGS (unless otherwise specified)(Note 1)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
-0.5~7
V
Enable Input Voltage
VE
-0.5~7
V
Enable Input Clamp Current
IEK
-20
mA
Switch Diode Current
ISK
±20
mA
On-State Switch current (-0.5V<VOS<VCC+0.5V)
IS
±25
mA
VCC or GND Current
ICC
±75
mA
Power Dissipation
PD
250
mW
Storage Temperature
TSTG
-65 ~ +150
°С
Notes: 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
3. To avoid drawing VCC current out of pin Z, when switch current flows into pin Y, the voltage drop across the
bidirectional switch must not exceed 0.4V. If the switch current flows into pin Z, no VCC current will flow out
of pin Y. In this case there is no limit for the voltage drop across the switch, but the voltage at pins Y and Z
may not exceed VCC or GND.
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Enable input Voltage
VE
0
5.5
V
Switch Voltage
VS
0
VCC
V
VCC=3.3+0.3V
Input Transition Rise or Fall Rate
tR, tF
VCC=5.0+0.5V
20
ns/V
Operating Temperature
TA
-40
25
125
°С
STATIC CHARACTERISTICS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
High-Level
VIH
VCC=4.5V~5.5V
2.0
V
Input Voltage
Low-Level
VIL
VCC=4.5V~5.5V
0.8
V
Enable Input Leakage Current
IE(LEAK)
VCC=5.5V, VE =VCC or GND
0.1
μ
A
OFF-State
VCC=5.5V, |VS|=VCC - GND
0.1
μ
A
Switch Current
ON-State
IS
VCC=5.5V
0.1
μ
A
ON-Resistance(Peak)
RON(PEAK)
VCC=4.5V~5.5V, VIS = VCC to GND,
IS=10mA
15
30
Ω
VCC=4.5V~5.5V, VIS= VCC, IS=10mA
13
22
Ω
ON-Resistance(Rail)
RON(RAIL)
VCC=4.5V~5.5V, VIS= GND, IS=10mA
15
22
Ω
Quiescent Supply Current
IQ
VCC=5.5V, VE = VCC or GND,
VIS= GND or VCC, VOS=VCC or GND
1.0
μ
A
Additional Quiescent Supply
Current
∆ IQ
VCC=5.5V, VE =3.4V,
Other inputs at VCC or GND, IOUT=0
1.35
mA
Enable Input Capacitance
CE
VE=VCC or GND
2
10
pF
Maximum Switch Capacitance
CS
Independent I/O
4
10
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com