Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U74AHCT1G66G-AL5-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # U74AHCT1G66G-AL5-R
Description  BILATERAL SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74AHCT1G66G-AL5-R Datasheet(HTML) 4 Page - Unisonic Technologies

  U74AHCT1G66G-AL5-R Datasheet HTML 1Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 2Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 3Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 4Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 5Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 6Page - Unisonic Technologies U74AHCT1G66G-AL5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
U74AHCT1G66
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R126-001.B
DYNAMIC CHARACTERISTICS (TA=25°С, unless otherwise specified)
(Input: tR, tF≤3ns; PRR≤1MHz, All typical values are measured at VCC=5V.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Propagation Delay From Y/Z TO Z/Y
tPHL /tPLH
VCC=4.5V~5.5V, CL=50pF
0.7
1
ns
VCC=4.5V~5.5V, CL=15pF
3
7
ns
Turn-On Time From E TO Z/Y
tPZH /tPZL
VCC=4.5V~5.5V, CL=50pF
4.7
10
ns
VCC=4.5V~5.5V, CL=15pF
5
8
ns
Turn-Off Time From E TO Z/Y
tPHZ /tPLZ
VCC=4.5V~5.5V, CL=50pF
6.5
11
ns
RECOMMENDED CONDITIONS AND TYPICAL VALUES (GND=0; tR=tF=3ns)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC=3.0V~3.6V,
VIS(P-P)=2.5V
0.025
Sine-Wave Distortion at f=1kHz
RL=10kΩ,
CL=50pF
VCC=4.5V~5.5V,
VIS(P-P)=4.0V
0.015
V
VCC=3.0V~3.6V,
VIS(P-P)=2.5V
0.025
Sine-Wave Distortion at f=10kHz
RL=10kΩ,
CL=50pF
VCC=4.5V~5.5V,
VIS(P-P)=4.0V
0.015
V
VCC=3.0V~3.6V,
F=1MHz
-50
Switch OFF Signal Feed-Through
(Note 4)
RL=600Ω,
CL=50pF
VCC=4.5V~5.5V,
F=1MHz
-50
V
VCC=3.0V~3.6V
230
Minimum Frequency Response(-3dB)
(Note 5)
fMAX
RL=50Ω,
CL=10pF
VCC=4.5V~5.5V
280
ns/V
OPERATING CHARACTERISTICS
Power Dissipation Capacitance
CPD
VCC=5, CL=50pF, f=10MHz
15
pF
Notes: 4. Adjust input voltage VIS is 0dbm level (0dbm=1mW into 600Ω)
5. Adjust input voltage VIS is 0dbm level at VOS for 1MHz (0dbm=1mW into 50Ω)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com