Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation EL5420CSZ Datasheet HTML 10Page - Intersil Corporation EL5420CSZ Datasheet HTML 11Page - Intersil Corporation EL5420CSZ Datasheet HTML 12Page - Intersil Corporation EL5420CSZ Datasheet HTML 13Page - Intersil Corporation EL5420CSZ Datasheet HTML 14Page - Intersil Corporation EL5420CSZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11
FN7186.8
October 15, 2015
Pin Descriptions
EL5120
EL5220
EL5420
PIN NAME
PIN FUNCTION
EQUIVALENT CIRCUIT
5 LD
TSOT
8 LD MSOP,
8 LD DFN
14 LD TSSOP,
14 LD SOIC
16 LD
QFN
13, 16
NC
No Connect
IN+
Amplifier Non-Inverting Input
(Reference Circuit 1)
IN-
Amplifier Inverting Input
(Reference Circuit 1)
OUT
Amplifier Output
(Reference Circuit 2)
3
VIN+
Amplifier Non-Inverting Input
(Reference Circuit 1)
4
VIN-
Amplifier Inverting Input
(Reference Circuit 1)
1
VOUT
Amplifier Output
(Reference Circuit 2)
1
1
15
VOUTA
Amplifier A Output
(Reference Circuit 2)
2
2
1
VINA-
Amplifier A Inverting Input
(Reference Circuit 1)
3
3
2
VINA+
Amplifier A Non-Inverting Input
(Reference Circuit 1)
5
8
4
3
VS+
Positive Power Supply
5
5
4
VINB+
Amplifier B Non-Inverting Input
(Reference Circuit 1)
6
6
5
VINB-
Amplifier B Inverting Input
(Reference Circuit 1)
7
7
6
VOUTB
Amplifier B Output
(Reference Circuit 2)
8
7
VOUTC
Amplifier C Output
(Reference Circuit 2)
9
8
VINC-
Amplifier C Inverting Input
(Reference Circuit 1)
10
9
VINC+
Amplifier C Non-Inverting Input
(Reference Circuit 1)
2
4
11
10
VS-
Negative Power Supply
12
11
VIND+
Amplifier D Non-Inverting Input
(Reference Circuit 1)
13
12
VIND-
Amplifier D Inverting Input
(Reference Circuit 1)
14
14
VOUTD
Amplifier D Output
(Reference Circuit 2)
VS+
VS-
VS+
GND
VS-
CIRCUIT 1
CIRCUIT 2
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com