Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5420CSZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # EL5420CSZ
Description  12MHz Rail-to-Rail Input-Output Op Amps
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5420CSZ Datasheet(HTML) 2 Page - Intersil Corporation

  EL5420CSZ Datasheet HTML 1Page - Intersil Corporation EL5420CSZ Datasheet HTML 2Page - Intersil Corporation EL5420CSZ Datasheet HTML 3Page - Intersil Corporation EL5420CSZ Datasheet HTML 4Page - Intersil Corporation EL5420CSZ Datasheet HTML 5Page - Intersil Corporation EL5420CSZ Datasheet HTML 6Page - Intersil Corporation EL5420CSZ Datasheet HTML 7Page - Intersil Corporation EL5420CSZ Datasheet HTML 8Page - Intersil Corporation EL5420CSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2
FN7186.8
October 15, 2015
Ordering Information
PART NUMBER
(Note 3)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
PKG. DWG. #
EL5120IWT-T7 (Notes 1, 4) (No longer
available or supported)
K
-40 to +125
5 Ld TSOT Tape and Reel
MDP0049
EL5220ILZ-T13 (Notes 1, 2, 4) (No
longer available or supported)
20Z
-40 to +125
8 Ld DFN Tape and Reel (Pb-Free)
L8.2x3
EL5220CYZ (Note 2)
BBAAA
-40 to +125
8 Ld MSOP (Pb-Free)
MDP0043
EL5220CYZ-T7 (Notes 1, 2)
BBAAA
-40 to +125
8 Ld MSOP Tape and Reel (Pb-Free)
MDP0043
EL5220CYZ-T13 (Notes 1, 2)
BBAAA
-40 to +125
8 Ld MSOP Tape and Reel (Pb-Free)
MDP0043
EL5420CLZ (Note 2) (No longer
available or supported)
5420CLZ
-40 to +125
16 Ld QFN (Pb-Free)
MDP0046
EL5420CSZ (Note 2)
5420CSZ
-40 to +125
14 Ld SOIC (Pb-Free)
MDP0027
EL5420CSZ-T7 (Notes 1, 2)
5420CSZ
-40 to +125
14 Ld SOIC Tape and Reel (Pb-Free)
MDP0027
EL5420CSZ-T13 (Notes 1, 2)
5420CSZ
-40 to +125
14 Ld SOIC Tape and Reel (Pb-Free)
MDP0027
EL5420CR (Note 4) (No longer
available or supported)
5420CR
-40 to +125
14 Ld TSSOP
MDP0044
EL5420CRZ (Note 2)
5420CRZ
-40 to +125
14 Ld TSSOP (Pb-Free)
M14.173
EL5420CRZ-T7 (Notes 1, 2)
5420CRZ
-40 to +125
14 Ld TSSOP Tape and Reel (Pb-Free) M14.173
EL5420CRZ-T13 (Notes 1, 2)
5420CRZ
-40 to +125
14 Ld TSSOP Tape and Reel (Pb-Free) M14.173
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for EL5120, EL5220, EL5420. For more information on MSL please
see tech brief TB363.
4. Not recommended for new designs. Refer to EL5x20T for possible substitutions.
EL5120, EL5220, EL5420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com