Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 3 Page - Intersil Corporation

  EL8173FSZ Datasheet HTML 1Page - Intersil Corporation EL8173FSZ Datasheet HTML 2Page - Intersil Corporation EL8173FSZ Datasheet HTML 3Page - Intersil Corporation EL8173FSZ Datasheet HTML 4Page - Intersil Corporation EL8173FSZ Datasheet HTML 5Page - Intersil Corporation EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
EL8170, EL8173
3
FN7490.8
August 11, 2015
Submit Document Feedback
VOUT
Maximum Voltage Swing
Output low, RL = 100kΩ to +2.5V
4
10
mV
Output low, RL = 1kΩ to +2.5V
0.13
0.2
0.25
V
Output high, RL = 100kΩ to +2.5V
4.985
4.980
4.996
V
Output high, RL = 1kΩto +2.5V
4.75
4.887
V
IS
Supply Current
45
38
65
95
110
µA
VSUPPLY
Supply Operating Range
V+ to V-
2.4
5.5
V
IO+
Output Source Current into 10
 to V+/2 V+ = +5V
23
19
32
mA
V+ = +2.4V
6
4.5
8mA
IO-
Output Sink Current into 10
 to V+/2
V+ = +5V
19
15
26
mA
V+ = +2.4V
5
4
7mA
AC SPECIFICATIONS
-3dB BW
-3dB Bandwidth
EL8170
Gain = 100
192
kHz
Gain = 200
93
kHz
Gain = 500
30
kHz
Gain = 1000
13
kHz
EL8173
Gain = 10
396
kHz
Gain = 20
221
kHz
Gain = 50
69
kHz
Gain = 100
30
kHz
eN
Input Noise Voltage
EL8170
f = 0.1Hz to 10Hz
3.5
µVP-P
EL8173
3.6
µVP-P
Input Noise Voltage Density
EL8170
fo = 1kHz
58
nV/
Hz
EL8173
220
nV/
Hz
iN
Input Noise Current Density
EL8170
fo = 1kHz
0.38
pA/
Hz
EL8173
fo = 1kHz
0.8
pA/
Hz
CMRR @ 60Hz
Input Common Mode Rejection Ratio
EL8170
VCM = 1VP-P,
RL = 10kΩ to VCM
100
dB
EL8173
84
dB
PSRR+ @
120Hz
Power Supply Rejection Ratio (V+)EL8170
V+, V- = ±2.5V,
VSOURCE = 1VP-P,
RL = 10kΩto VCM
98
dB
EL8173
78
dB
PSRR- @
120Hz
Power Supply Rejection Ratio (V-)EL8170
V+, V- = ±2.5V,
VSOURCE = 1VP-P,
RL = 10kΩ to VCM
106
dB
EL8173
82
dB
TRANSIENT RESPONSE
SR
Slew Rate
RL = 1kΩ to GND
0.4
0.35
0.55
0.7
0.7
V/µs
NOTE:
5. Parameters with MIN and/or MAX limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by characterization
and are not production tested.
Electrical Specifications V+ = +5V, V- = GND, VCM = 1/2V+, RL = Open, TA = +25°C, unless otherwise specified. Boldface limits apply
over the operating temperature range, -40°C to +125°C. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com