Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL8173FSZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # EL8173FSZ
Description  Micropower, Single Supply, Rail-to-Rail Input-Output Instrumentation Amplifiers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL8173FSZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button EL8173FSZ Datasheet HTML 4Page - Intersil Corporation EL8173FSZ Datasheet HTML 5Page - Intersil Corporation EL8173FSZ Datasheet HTML 6Page - Intersil Corporation EL8173FSZ Datasheet HTML 7Page - Intersil Corporation EL8173FSZ Datasheet HTML 8Page - Intersil Corporation EL8173FSZ Datasheet HTML 9Page - Intersil Corporation EL8173FSZ Datasheet HTML 10Page - Intersil Corporation EL8173FSZ Datasheet HTML 11Page - Intersil Corporation EL8173FSZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
EL8170, EL8173
8
FN7490.8
August 11, 2015
Submit Document Feedback
FIGURE 25. EL8170 PSRR vs TEMPERATURE,
V+, V- = ±1.2V TO ±2.5V
FIGURE 26. EL8173 PSRR vs TEMPERATURE,
V+, V- = ±1.2V TO ±2.5V
FIGURE 27. EL8170 %GAIN ERROR vs TEMPERATURE,
RL = 100k
FIGURE 28. EL8173 %GAIN ERROR vs TEMPERATURE,
RL = 100k
FIGURE 29. EL8170 VOUT HIGH vs TEMPERATURE,
RL = 1k, V+, V- = ±2.5V
FIGURE 30. EL8173 VOUT HIGH vs TEMPERATURE,
RL = 1k, V+, V- = ±2.5V
Typical Performance Curves V
+ = +5V, V- = 0V, VCM = +2.5V, RL = Open, unless otherwise specified. (Continued)
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
60
70
80
90
100
110
120
130
140
MIN
MAX
N = 2000
MEDIAN
-40
-20
0
204060
80
100
120
TEMPERATURE (°C)
60
70
80
90
100
110
120
130
140
MIN
MAX
N = 1000
MEDIAN
-40
-20
0
20406080
100
120
TEMPERATURE (°C)
-0.1
0.4
0.9
1.4
1.9
2.4
MIN
MAX
N = 2000
MEDIAN
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
MIN
MAX
N = 1000
MEDIAN
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
-40
-20
0
2040
6080
100
120
TEMPERATURE (°C)
MAX
MIN
N = 2000
MEDIAN
4.84
4.85
4.86
4.87
4.88
4.89
4.90
4.91
-40
-20
0
20
40
60
80
100
120
TEMPERATURE (°C)
MAX
MIN
N = 1000
MEDIAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com