Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button LMC7101 Datasheet HTML 3Page - Micrel Semiconductor LMC7101 Datasheet HTML 4Page - Micrel Semiconductor LMC7101 Datasheet HTML 5Page - Micrel Semiconductor LMC7101 Datasheet HTML 6Page - Micrel Semiconductor LMC7101 Datasheet HTML 7Page - Micrel Semiconductor LMC7101 Datasheet HTML 8Page - Micrel Semiconductor LMC7101 Datasheet HTML 9Page - Micrel Semiconductor LMC7101 Datasheet HTML 10Page - Micrel Semiconductor LMC7101 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
September 1999
7
LMC7101
LMC7101
Micrel
0
20
40
60
80
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
5V Open-Loop
Frequency Response
T
A = 25°C
1M
Ω
600
Ω
2k
-20
0
20
40
60
80
100
-60
-30
0
30
60
90
120
1x102
1x103
1x104
1x105
1x106
COMMON-MODE VOLTAGE (V)
5V Open-Loop
Gain and Phase
100pF (
°)
500pF (
°)
1000pF (
°)
100pF (dB)
500pF (dB)
1000pF (dB)
T
A = 25°C
R
L = 1MΩ
0
20
40
60
80
100
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
2.7V Open-Loop
Frequency Response
R
L = 1M
R
L = 2k
T
A = 25°C
-25
0
25
50
75
100
-90
-45
0
45
90
135
1x102
1x103
1x104
1x105
1x106
FREQUENCY (Hz)
2.7V Open-Loop Gain
and Phase
100pF (dB)
500pF
100pF (
°)
500pF (
°)
T
A = 25°C
(dB)
R
L = 1MΩ
0
20
40
60
80
1x102
1x103
1x104
1x105
FREQUENCY (Hz)
12V Open-Loop
Frequency Response
1M
600
Ω
2k
T
A = 25°C
-20
0
20
40
60
80
100
120
-60
-30
0
30
60
90
120
150
1x102
1x103
1x104
1x105
1x106
FREQUENCY (Hz)
12V Open-Loop Gain
and Phase
100pF (
°)
500pF (
°)
1000pF (
°)
100pF (dB)
500pF (dB)
1000pF (dB)
T
A = 25°C
R
L = 1MΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com