Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMC7101 Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # LMC7101
Description  Low-Power Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

LMC7101 Datasheet(HTML) 5 Page - Micrel Semiconductor

  LMC7101 Datasheet HTML 1Page - Micrel Semiconductor LMC7101 Datasheet HTML 2Page - Micrel Semiconductor LMC7101 Datasheet HTML 3Page - Micrel Semiconductor LMC7101 Datasheet HTML 4Page - Micrel Semiconductor LMC7101 Datasheet HTML 5Page - Micrel Semiconductor LMC7101 Datasheet HTML 6Page - Micrel Semiconductor LMC7101 Datasheet HTML 7Page - Micrel Semiconductor LMC7101 Datasheet HTML 8Page - Micrel Semiconductor LMC7101 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
September 1999
5
LMC7101
LMC7101
Micrel
Electrical Characteristics—AC (5V)
V+ = 5V, V– = 0V, V
CM = 1.5V, VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
LMC7101A
LMC7101B
Symbol
Parameter
Condition
Typ
Min
Max
Min
Max
Units
THD
Total Harmonic Distortion
f = 10kHz, A
V = –2,
0.01
%
R
L = 2kΩ, VOUT = 4.0 VPP
SR
Slew Rate
0.3
V/
µs
GBW
Gain-Bandwidth Product
0.5
MHz
Electrical Characteristics—AC (12V)
V+ = 12V, V– = 0V, V
CM = 1.5V, VOUT = V+/2; RL = 1MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
LMC7101A
LMC7101B
Symbol
Parameter
Condition
Typ
Min
Max
Min
Max
Units
THD
Total Harmonic Distortion
f = 10kHz, A
V = –2,
0.01
%
R
L = 2k, VOUT = 8.5 VPP
SR
Slew Rate
V+ = 12V, Note 10
0.3
0.19
0.19
V/
µs
0.15
0.15
V/
µs
GBW
Gain-Bandwidth Product
0.5
MHz
φ
m
Phase Margin
45
°
G
m
Gain Margin
10
dB
e
n
Input-Referred Voltage Noise
f = 1kHz, V
CM = 1V
37
nV/ Hz
i
n
Input-Referred Current Noise
f = 1kHz
1.5
fA/ Hz
General Notes: Devices are ESD protected; however, handling precautions are recommended. All limits guaranteed by testing on statistical analysis.
Note 1.
Absolute maximum ratings indicate limits beyond which damage to the component may occur. Electrical specifications do not apply when
operating the device outside its recommended operating ratings.
Note 2.
I/O Pin Voltage is any external voltage to which an input or output is referenced.
Note 3.
The maximum allowable power dissipation is a function of the maximum junction temperature, T
J(max); the junction-to-ambient thermal
resistance,
θ
JA; and the ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using:
P
D = (TJ(max) – TA) ÷ θJA. Exceeding the maximum allowable power dissipation will result in excessive die temperature.
Note 4.
Thermal resistance,
θ
JA, applies to a part soldered on a printed-circuit board.
Note 5.
Human body model, 1.5k in series with 100pF.
Note 6.
Common-mode performance tends to follow the typical value. Minimum value limits reflect performance only near the supply rails.
Note 7.
Continuous short circuit may exceed absolute maximum T
J under some conditions.
Note 8.
Shorting OUT to V+ when V+ > 12V may damage the device.
Note 9.
R
L connected to 5.0V. Sourcing: 5V ≤ VOUT ≤ 12V. Sinking: 2.5V ≤ VOUT ≤ 5V.
Note 10. Device connected as a voltage follower with a 12V step input. The value is the positive or negative slew rate, whichever is slower.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com