Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2183 Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # MIC2183
Description  Low Voltage Synchronous Buck PWM Control IC Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2183 Datasheet(HTML) 6 Page - Micrel Semiconductor

Back Button MIC2183 Datasheet HTML 2Page - Micrel Semiconductor MIC2183 Datasheet HTML 3Page - Micrel Semiconductor MIC2183 Datasheet HTML 4Page - Micrel Semiconductor MIC2183 Datasheet HTML 5Page - Micrel Semiconductor MIC2183 Datasheet HTML 6Page - Micrel Semiconductor MIC2183 Datasheet HTML 7Page - Micrel Semiconductor MIC2183 Datasheet HTML 8Page - Micrel Semiconductor MIC2183 Datasheet HTML 9Page - Micrel Semiconductor MIC2183 Datasheet HTML 10Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
MIC2183
Micrel
MIC2183
6
December 10, 2001
Typical Characteristics
0
1
2
3
4
5
6
0
5
10
15
INPUT VOLTAGE (V)
Quiescent Current
vs. Input Voltage
I
STANDBY
200kHz
400kHz
I
Q = IVINA + IVINP
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Quiescent Current
vs. Temperature
I
STANDBY
200kHz
400kHz
I
Q = IVINA = IVINP
V
INA
= VINP = 3.3V
2.80
2.85
2.90
2.95
3.00
3.05
3.10
3.15
0
5
10
15
INPUT VOLTAGE (V)
V
DD
vs. Input Voltage
V
INA = VINP
2.970
2.975
2.980
2.985
2.990
2.995
3.000
3.005
0
0.2
0.4
0.6
0.8
1
1.2
V
DD
LOAD CURRENT (mA)
V
DD
vs. Load
V
INA = VINP = 5V
2.96
2.97
2.98
2.99
3.00
3.01
3.02
3.03
3.04
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
V
DD
vs. Temperature
V
INA = VINP = 3.3V
1.239
1.240
1.241
1.242
1.243
1.244
1.245
1.246
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Error Amp Reference Voltage
vs. Temperature
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
2.5
0
5
10
15
INPUT VOLTAGE (V)
Switching Frequency
vs. Input Voltage
200kHz
400kHz
-20
-15
-10
-5
0
5
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Switching Frequency
vs. Temperature
200kHz
400kHz
5.00
5.05
5.10
5.15
5.20
5.25
5.30
5.35
5.40
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Soft Start Current vs.
Temperature
90
92
94
96
98
100
102
0
5
10
15
INPUT VOLTAGE (V)
Overcurrent Threshold vs.
Input Voltage
90.0
92.0
94.0
96.0
98.0
100.0
102.0
104.0
106.0
108.0
110.0
-40 -20 0 20 40 60 80 100120140
TEMPERATURE (
°C)
Overcurrent Threshold
vs. Temperatue
0
1
2
3
4
5
6
7
8
9
0
5
10
15
INPUT VOLTAGE (V)
OUTN Drive Impedance vs.
Input Voltage
SOURCE
SINK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com