Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC2183 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC2183
Description  Low Voltage Synchronous Buck PWM Control IC Final Information
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC2183 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC2183 Datasheet HTML 4Page - Micrel Semiconductor MIC2183 Datasheet HTML 5Page - Micrel Semiconductor MIC2183 Datasheet HTML 6Page - Micrel Semiconductor MIC2183 Datasheet HTML 7Page - Micrel Semiconductor MIC2183 Datasheet HTML 8Page - Micrel Semiconductor MIC2183 Datasheet HTML 9Page - Micrel Semiconductor MIC2183 Datasheet HTML 10Page - Micrel Semiconductor MIC2183 Datasheet HTML 11Page - Micrel Semiconductor MIC2183 Datasheet HTML 12Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MIC2183
Micrel
MIC2183
8
December 10, 2001
Functional Characteristics
Controller Overview and Functional Description
The MIC2183 is a BiCMOS, switched mode, synchronous,
step down (buck) converter controller. It uses both N and P-
Channel MOSFETs, which allows the controller to operate at
100% duty cycle and eliminates the need for a high side drive
bootstrap circuit. Current mode control is used to achieve
superior transient line and load regulation. An internal correc-
tive ramp provides slope compensation for stable operation
above a 50% duty cycle. The controller is optimized for high
efficiency, high performance DC-DC converter applications.
Figure 1 is a block diagram of the MIC2183 configured as a
synchronous buck converter. At the beginning of the switch-
ing cycle, the OUTP pin pulls low and turns on the high-side
Functional Diagram
FREQUENCY
FOLDBACK
ERROR
AMP
PWM
COMPARATOR
OVERCURRENT
COMPARATOR
L1
CURRENT
SENSE
AMP
0.3V
100k
VREF
gm = 0.0002
gain = 20
fs/4
COMP
SS
FreqOut
FREQ/2
SYNC
ON
GAIN
3.7
PGND
RESET
VREF
1.245V
4
3
2
15
11
VDD
SLOPE
COMPENSATION
∑
OSC
fs/4
CONTROL
BIAS
÷2
VDD 10
EN/UVLO 7
CSH
9
CSL
8
VINP
16
OUTP
14
OUTN
13
PGND
Q2
Q1
D1
12
FB
6
VINA
0.1V
CDECOUP
1
CIN
SGND
5
COUT
VOUT
RSENSE
VIN
Figure 1. MIC2183 Block Diagram
P-Channel MOSFET, Q1. Current flows from the input to the
output through the current sense resistor, MOSFET and
inductor. The current amplitude increases, controlled by the
inductor. The voltage developed across the current sense
resistor, R
SENSE, is amplified inside the MIC2183 and com-
bined with an internal ramp for stability. This signal is com-
pared to the output of the error amplifier. When the current
signal equals the error voltage signal, the P-channel MOSFET
is turned off. The inductor current flows through the diode, D1,
until the synchronous, N-Channel MOSFET turns on. The
voltage drop across the MOSFET is less than the forward
voltage drop of the diode, which improves the converter
efficiency. At the end of the switching period, the synchro-
nous MOSFET is turned off and the switching cycle repeats.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com