Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC284 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC284
Description  Two-Zone Thermal Supervisor Advance Information
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC284 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC284 Datasheet HTML 1Page - Micrel Semiconductor MIC284 Datasheet HTML 2Page - Micrel Semiconductor MIC284 Datasheet HTML 3Page - Micrel Semiconductor MIC284 Datasheet HTML 4Page - Micrel Semiconductor MIC284 Datasheet HTML 5Page - Micrel Semiconductor MIC284 Datasheet HTML 6Page - Micrel Semiconductor MIC284 Datasheet HTML 7Page - Micrel Semiconductor MIC284 Datasheet HTML 8Page - Micrel Semiconductor MIC284 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
September 29, 2000
3
MIC284
MIC284
Micrel
Absolute Maximum Ratings (Note 1)
Power Supply Voltage, V
DD ................................................... 6.0V
Voltage on Any Pin ................................ –0.3V to V
DD+0.3V
Current Into Any Pin ................................................
±10 mA
Power Dissipation, T
A = +125°C ............................... 30mW
Junction Temperature ............................................. +150
°C
Storage Temperature ............................... –65
°C to +150°C
ESD Ratings (Note 3)
Human Body Model .................................................. TBD V
Machine Model ......................................................... TBD V
Soldering
Vapor Phase (60 sec.) ............................. +220
°C +5⁄–0°C
Infrared (15 sec.) ...................................... +235
°C +5⁄–0°C
Operating Ratings (Note 2)
Power Supply Voltage, V
DD .............................. +2.7V to +5.5V
Ambient Temperature Range (T
A) ............ -55°C to +125°C
Package Thermal Resistance (
θ
JA)
SOP ................................................................. +152
°C/W
MSOP .............................................................. +206
°C/W
Electrical Characteristics
2.7V
≤ V
DD ≤ 5.5; TA = +25°C, bold values indicate –55°C ≤ TA ≤ +125°C, Note 4; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
Power Supply
I
DD
Supply Current
/INT, open, A0 = V
DD or GND,
350
750
µA
CLK = DATA = high, normal mode
/INT, /CRIT open, A0 = V
DD or GND
shutdown mode, CLK = 100kHz
3
µA
/INT, /CRIT open, A0 = V
DD or GND
shutdown mode, CLK = DATA = high
1
10
µA
t
POR
Power-On Reset Time, Note 7
V
DD > VPOR
200
µs
V
POR
Power-On Reset Voltage
all registers reset to default values,
2.0
2.7
V
A/D conversions initiated
V
HYST
Power-On Reset Hysteresis Voltage
250
mV
Temperature-to-Digital Converter Characteristics
Accuracy—Local Temperature
0
°C ≤ T
A ≤ +100°C, /INT and /CRIT open,
±1
±2
°C
Note 4, 9
3V
≤ V
DD ≤ 3.6V
–55
°C ≤ T
A ≤ +125°C, /INT and /CRIT open,
±2
±3
°C
3V
≤ V
DD ≤ 3.6V
Accuracy—Remote Temperature
0
°C ≤ T
D ≤ +100°C, /INT and /CRIT open,
±1
±3
°C
Note 4, 5, 9
3V
≤ V
DD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
–55
°C ≤ T
D ≤ +125°C, /INT and /CRIT open,
±2
±5
°C
3V
≤ V
DD ≤ 3.6V, 0°C ≤ TA ≤ +85°C
t
CONV0
Conversion Time, local zone
50
80
ms
Note 7
t
CONV1
Conversion Time, remote zone
Note 7
100
160
ms
Remote Temperature Input (T1)
I
F
Current to External Diode
high level, T1 forced to 1.5V
224
400
µA
Note 7
low level
7.5
14
µA
Address Input (A0)
V
IL
Low Input Voltage
2.7V
≤ V
DD ≤ 5.5V
0.6
V
V
IH
High Input Voltage
2.7V
≤ V
DD ≤ 5.5V
2.0
V
C
IN
Input Capacitance
10
pF
I
LEAK
Input Current
±0.01
±1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com