Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5021 Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 1 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
October 1998
5-169
MIC5021
Micrel
5
MIC5021
High-Speed High-Side MOSFET Driver
Ordering Information
Part Number
Temperature Range
Package
MIC5021BM
–40
°C to +85°C
8-pin SOIC
MIC5021BN
–40
°C to +85°C
8-pin Plastic DIP
Features
• 12V to 36V operation
• 550ns rise/fall time driving 2000pF
• TTL compatible input with internal pull-down resistor
• Overcurrent limit
• Gate to source protection
• Internal charge pump
• 100kHz operation guaranteed over full temperature and
operating voltage range
• Compatible with current sensing MOSFETs
• Current source drive reduces EMI
Applications
• Lamp control
• Heater control
• Motor control
• Solenoid switching
• Switch-mode power supplies
• Circuit breaker
General Description
The MIC5021 high-side MOSFET driver is designed to oper-
ate at frequencies up to 100kHz (5kHz PWM for 2% to 100%
duty cycle) and is an ideal choice for high speed applications
such as motor control, SMPS (switch mode power supplies),
and applications using IGBTs.
The MIC5021 can also
operate as a circuit breaker with or without automatic retry.
A rising or falling edge on the input results in a current source
pulse or sink pulse on the gate output. This output current
pulse can turn on a 2000pF MOSFET in approximately
550ns. The MIC5021 then supplies a limited current (< 2mA),
if necessary, to maintain the output state.
An overcurrent comparator with a trip voltage of 50mV makes
the MIC5021 ideal for use with a current sensing MOSFET.
An external low value resistor may be used instead of a
sensing MOSFET for more precise overcurrent control. An
optional external capacitor placed from the C
T pin to ground
may be used to control the current shutdown duty cycle (dead
time) from 20% to < 1%. A duty cycle from 20% to about 75%
is possible with an optional pull-up resistor from C
T to VDD.
The MIC5021 is available in 8-pin SOIC and plastic DIP
packages.
Other members of the MIC502x family include the MIC5020
low-side driver and the MIC5022 half-bridge driver with a
cross-conduction interlock.
Typical Application
VDD
Input
CT
Gnd
VBOOST
Gate
Sense
Sense
TTL Input
RSENSE
N-Channel
Power MOSFET
+12V to +36V
MIC5021
1
2
3
4
8
7
6
5
10µF
2.7
nF
RSENSE =
50mV
ITRIP
* increases time before retry
optional*
High-Side Driver with Overcurrent Trip and Retry


Similar Part No. - MIC5021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Microchip Technology
MIC5021 MICROCHIP-MIC5021 Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
logo
Micrel Semiconductor
MIC5021BM MICREL-MIC5021BM Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
MIC5021BN MICREL-MIC5021BN Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Microchip Technology
MIC5021YM MICROCHIP-MIC5021YM Datasheet
1Mb / 24P
High-Speed, High-Side MOSFET Driver with Charge Pump and Overcurrent Limit
09/14/21
More results

Similar Description - MIC5021

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5031 MICREL-MIC5031 Datasheet
88Kb / 8P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Micrel Semiconductor
MIC5021 MICREL-MIC5021_05 Datasheet
207Kb / 10P
High-Speed High-Side MOSFET Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_08 Datasheet
197Kb / 10P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5 Datasheet
267Kb / 12P
High Speed, High Voltage, High Side Gate Driver
LTC4440 LINER-LTC4440_09 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
logo
Semtech Corporation
SC1302A SEMTECH-SC1302A_09 Datasheet
352Kb / 13P
Dual High Speed Low-Side MOSFET Driver
logo
Linear Technology
LTC4440-5 LINER-LTC4440-5_15 Datasheet
265Kb / 14P
High Speed, High Voltage, High Side Gate Driver
logo
ON Semiconductor
NCP81074A ONSEMI-NCP81074A Datasheet
269Kb / 12P
High Speed Low-Side MOSFET Driver
November, 2015 ??Rev. 3
logo
Microchip Technology
MIC5018 MICROCHIP-MIC5018 Datasheet
2Mb / 20P
High-Side MOSFET Driver
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com