Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC5021 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5021
Description  High-Speed High-Side MOSFET Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5021 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5021 Datasheet HTML 1Page - Micrel Semiconductor MIC5021 Datasheet HTML 2Page - Micrel Semiconductor MIC5021 Datasheet HTML 3Page - Micrel Semiconductor MIC5021 Datasheet HTML 4Page - Micrel Semiconductor MIC5021 Datasheet HTML 5Page - Micrel Semiconductor MIC5021 Datasheet HTML 6Page - Micrel Semiconductor MIC5021 Datasheet HTML 7Page - Micrel Semiconductor MIC5021 Datasheet HTML 8Page - Micrel Semiconductor MIC5021 Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
October 1998
5-171
MIC5021
Micrel
5
Electrical Characteristics
T
A = 25°C, Gnd = 0V, VDD = 12V, CT = Open, Gate CL = 1500pF (IRF540 MOSFET) unless otherwise specified
Symbol
Parameter
Condition
Min
Typ
Max
Units
D.C. Supply Current
V
DD = 12V, Input = 0V
1.8
4
mA
V
DD = 36V, Input = 0V
2.5
6
mA
V
DD = 12V, Input = 5V
1.7
4
mA
V
DD = 36V, Input = 5V
2.5
6
mA
Input Threshold
0.8
1.4
2.0
V
Input Hysteresis
0.1
V
Input Pull-Down Current
Input = 5V
10
20
40
µA
Current Limit Threshold
Note 1
30
50
70
mV
Gate On Voltage
V
DD = 12V Note 2
16
18
21
V
V
DD = 36V Note 2
46
50
52
V
t
G(ON)
Gate On Time, Fixed
Sense Differential > 70mV
2
6
10
µs
t
G(OFF)
Gate Off Time, Adjustable
Sense Differential > 70mV, C
T = 0pF
10
20
50
µs
t
DLH
Gate Turn-On Delay
Note 3
500
1000
ns
t
R
Gate Rise Time
Note 4
400
500
ns
t
DLH
Gate Turn-Off Delay
Note 5
800
1500
ns
t
F
Gate Fall Time
Note 6
400
500
ns
f
max
Maximum Operating Frequency
Note 7
100
150
kHz
Note 1
When using sense MOSFETs, it is recommended that R
SENSE < 50Ω. Higher values may affect the sense MOSFET’s current transfer ratio.
Note 2
DC measurement.
Note 3
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 0V to 2V.
Note 4
Input switched from 0.8V (TTL low) to 2.0V (TTL high), time for Gate transition from 2V to 17V.
Note 5
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 20V (Gate on voltage) to 17V.
Note 6
Input switched from 2.0V (TTL high) to 0.8V (TTL low), time for Gate transition from 17V to 2V.
Note 7
Frequency where gate on voltage reduces to 17V with 50% input duty cycle.
Absolute Maximum Ratings
Supply Voltage (V
DD) .................................................. +40V
Input Voltage ................................................ –0.5V to +15V
Sense Differential Voltage ..........................................
±6.5V
Sense + or Sense – to Gnd .......................... –0.5V to +36V
Timer Voltage (C
T) ..................................................... +5.5V
V
BOOST Capacitor .................................................... 0.01µF
Operating Ratings
Supply Voltage (V
DD) .................................... +12V to +36V
Temperature Range
PDIP ....................................................... –40
°C to +85°C
SOIC ...................................................... –40
°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com