Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 13 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 13 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 9Page - Gennum Corporation GS3440 Datasheet HTML 10Page - Gennum Corporation GS3440 Datasheet HTML 11Page - Gennum Corporation GS3440 Datasheet HTML 12Page - Gennum Corporation GS3440 Datasheet HTML 13Page - Gennum Corporation GS3440 Datasheet HTML 14Page - Gennum Corporation GS3440 Datasheet HTML 15Page - Gennum Corporation GS3440 Datasheet HTML 16Page - Gennum Corporation GS3440 Datasheet HTML 17Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
13 of 23
Proprietary and Confidential
4. Detailed Description
The GS3440 is a high-speed BiCMOS IC designed to equalize serial digital signals.
The GS3440 can equalize 3Gb/s, HD and SD serial digital signals, and will typically
equalize up to 210m of Belden 1694A cable at 2.97Gb/s, 300m at 1.485Gb/s, and 550m at
270Mb/s. The GS3440 can be powered from a single +3.3V DC power supply, and is
footprint-compatible with Semtech’s GS2974A, GS2974B, GS2984, and GS2994
equalizers. When DC coupling the output of a device to a 1.2V CML load, the GS3440
typically consumes 180mW of power.
4.1 Serial Digital Inputs
The received serial data signal is connected to the input pins (SDI/SDI) in either a
differential or single-ended configuration. AC-coupling of the inputs is recommended,
because the SDI and SDI inputs are internally biased to approximately 1.71V.
4.2 Automatic (Adaptive) Cable Equalization
The input signal passes through a variable gain equalizing stage, whose frequency
response closely matches the inverse of the cable (Belden 1694A) loss characteristic. In
addition, the variation of the frequency response with control voltage imitates the
variation of the inverse cable loss characteristic with cable length ensuring that the
correct amount of gain is automatically applied to the input signal for any cable length
within the supported ranges.
The equalized signal is DC-restored, effectively restoring the logic threshold of the
equalized signal to its correct level independent of shifts due to AC-coupling.
4.3 Differential Digital Data Output
The digital data output signals (DDO/DDO) have a nominal output voltage swing of
either 850mVppd or 425mVppd, as set by the OP_CTL pin. Table 4-1 shows the typical
output common mode voltage levels related to the two output swing options and the
chosen coupling (DC vs. AC).
Table 4-1: Typical Common Mode Output Voltage Levels
Supply Voltage
(VCC_O)
425mVppd Swing
(DC-coupled Output)
425mVppd Swing
(AC-coupled Output)
850mVppd Swing
(DC-coupled Output)
850mVppd Swing
(AC-coupled Output)
3.3V
3.2V
3.1V
3.1V
2.9V
2.5V
2.4V
2.3V
2.3V
2.1V
1.8V
1.7V
1.6V1.6V1.4V
1.2V
1.1V
1.0V
1.0V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com