Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS3440 Datasheet(PDF) 21 Page - Gennum Corporation

Part # GS3440
Description  Automatic power-down on loss of signal
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS3440 Datasheet(HTML) 21 Page - Gennum Corporation

Back Button GS3440 Datasheet HTML 15Page - Gennum Corporation GS3440 Datasheet HTML 16Page - Gennum Corporation GS3440 Datasheet HTML 17Page - Gennum Corporation GS3440 Datasheet HTML 18Page - Gennum Corporation GS3440 Datasheet HTML 19Page - Gennum Corporation GS3440 Datasheet HTML 20Page - Gennum Corporation GS3440 Datasheet HTML 21Page - Gennum Corporation GS3440 Datasheet HTML 22Page - Gennum Corporation GS3440 Datasheet HTML 23Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
GS3440 Adaptive Cable Equalizer
Final Data Sheet
Rev. 2
December 2012
21 of 23
Proprietary and Confidential
6.5 Solder Reflow Profiles
The GS3440 is available in a Pb-free package. It is recommended that the Pb-free
package be soldered with Pb-free paste using the reflow profile shown in Figure 6-1.
Figure 6-1: Maximum Pb-free Solder Reflow Profile
6.6 Ordering Information
Appendix - Relevant Documentation
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
Part Number
Package
Temperature Range
GS3440-INE3
16-pin QFN
-40°C to 85°C
GS3440-INTE3
16-pin QFN Tape &
Reel (250pcs)
-40°C to 85°C
GS3440-INTE3Z
16-pin QFN Tape &
Reel (2500pcs)
-40°C to 85°C
Document Name
Document Identification
A Guide For Designing With Gennum’s 3G-SDI Equalizers
55280



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com