Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844 Datasheet(HTML) 1 Page - Texas Instruments

  LMV844 Datasheet HTML 1Page - Texas Instruments LMV844 Datasheet HTML 2Page - Texas Instruments LMV844 Datasheet HTML 3Page - Texas Instruments LMV844 Datasheet HTML 4Page - Texas Instruments LMV844 Datasheet HTML 5Page - Texas Instruments LMV844 Datasheet HTML 6Page - Texas Instruments LMV844 Datasheet HTML 7Page - Texas Instruments LMV844 Datasheet HTML 8Page - Texas Instruments LMV844 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply
Range Operational Amplifiers
Check for Samples: LMV841, LMV842, LMV844
1
FEATURES
APPLICATIONS
2
•
Unless otherwise noted, typical values at TA =
•
High impedance sensor interface
25°C, V+ = 5V.
•
Battery powered instrumentation
•
Space saving 5-Pin SC70 package
•
High gain amplifiers
•
Supply voltage range 2.7V to 12V
•
DAC buffer
•
Guaranteed at 3.3V, 5V and ±5V
•
Instrumentation amplifiers
•
Low supply current 1mA per channel
•
Active filters
•
Unity gain bandwidth 4.5MHz
DESCRIPTION
•
Open loop gain 133dB
The LMV841/LMV842/LMV844 are low-voltage and
•
Input offset voltage 500
μV max
low-power operational amplifiers that operate with
•
Input bias current 0.3pA
supply voltages ranging from 2.7V to 12V and have
•
CMRR 112dB
rail-to-rail input and output capability. Their low offset
voltage, low supply current, and MOS inputs make
•
Input voltage noise 20nV/
√Hz
them ideal for sensor interface and battery-powered
•
Temperature range
−40°C to 125°C
applications.
•
Rail-to-Rail input
The single LMV841 is offered in the space-saving 5-
•
Rail-to-Rail output
Pin SC70 package, the dual LMV842 in the 8-Pin
•
The LMV841Q, LMV842Q, and LMV844Q are
VSSOP and 8-Pin SOIC packages, and the quad
LMV844 in the 14-Pin TSSOP and 14-Pin SOIC
AEC-Q100 grade 1 qualified and are
packages. These small packages are ideal solutions
manufactured on automotive grade flow.
for
area-constrained
PC
boards
and
portable
electronics.
The LMV841Q, LMV842Q, and LMV844Q incorporate
enhanced manufacturing and support processes for
the automotive market , including defect detection
methodologies.
Reliability
qualification
is
compliant
with
the
requirements and temperature grades defined in the
AEC-Q100 standard.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LMV844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV844 NSC-LMV844 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV844 NSC-LMV844 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
LMV844 TI-LMV844 Datasheet
1Mb / 37P
LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
National Semiconductor ...
LMV844MA NSC-LMV844MA Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV844MA NSC-LMV844MA Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
More results

Similar Description - LMV844

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP7701 NSC-LMP7701_06 Datasheet
1Mb / 22P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 NSC-LMP7707 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841_0710 NSC-LMV841_0710 Datasheet
1Mb / 20P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMV841 NSC-LMV841_09 Datasheet
1Mb / 22P
CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
logo
Texas Instruments
82592 TI-82592 Datasheet
1Mb / 24P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMV841QMG TI-LMV841QMG Datasheet
1Mb / 37P
LMV841/LMV841Q/LMV842/LMV842Q/LMV844/LMV844Q CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
LMP7702MA TI-LMP7702MA Datasheet
1Mb / 35P
LMP7701/LMP7702/LMP7704 Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7701 TI1-LMP7701 Datasheet
1Mb / 44P
Precision, CMOS Input, RRIO, Wide Supply Range Amplifiers
LMP7707 TI1-LMP7707 Datasheet
1Mb / 41P
Precision, CMOS Input, RRIO, Wide Supply Range Decompensated Amplifiers
LMV841 TI1-LMV841_16 Datasheet
1Mb / 38P
LMV84x CMOS Input, RRIO, Low Power, Wide Supply Range, 4.5-MHz Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com