Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV844 Datasheet HTML 5Page - Texas Instruments LMV844 Datasheet HTML 6Page - Texas Instruments LMV844 Datasheet HTML 7Page - Texas Instruments LMV844 Datasheet HTML 8Page - Texas Instruments LMV844 Datasheet HTML 9Page - Texas Instruments LMV844 Datasheet HTML 10Page - Texas Instruments LMV844 Datasheet HTML 11Page - Texas Instruments LMV844 Datasheet HTML 12Page - Texas Instruments LMV844 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
VCM (V)
0.20
0.15
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.3V
5V
±5V
TA = 25°C
VCM (V)
20
15
10
5
0
-5
-10
-15
-20
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.3V
5.0V
±5V
TA = 85°C
TEMPERATURE (°C)
200
150
100
50
0
-50
-100
-150
-200
-50
-25
0
25
50
75
100
125
3.3V
5V
±5V
OUTPUT SWING FROM RAIL (mV)
140
130
120
110
100
90
0
100
200
300
400
500
RL = 600Ö
RL = 10 k:
RL = 2 k:
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
VOS
DC Gain
vs.
vs.
Temperature
VOUT
Figure 8.
Figure 9.
Input Bias Current
Input Bias Current
vs.
vs.
VCM
VCM
Figure 10.
Figure 11.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com