Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MAX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MAX/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MAX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMV844MAX/NOPB Datasheet HTML 6Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 38 page
background image
SUPPLY VOLTAGE (V)
40
35
30
25
20
2
4
6
8
10
12
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
45
40
35
30
25
2
4
6
8
10
12
-40°C
25°C
85°C
125°C
SUPPLY VOLTAGE (V)
1.4
1.3
1.2
1.1
1.0
0.9
0.8
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
VCM (V)
200
150
100
50
0
-50
-100
-150
-200
-5
-4
-3
-2
-1
0
1
2
3
4
5
3.3V
5.0V
±5V
TA = 125°C
LMV841, LMV842, LMV844
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
Input Bias Current
Supply Current per Channel
vs.
vs.
VCM
Supply Voltage
Figure 12.
Figure 13.
Sinking Current
Sourcing Current
vs.
vs.
Supply Voltage
Supply Voltage
Figure 14.
Figure 15.
10
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com