Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMV844MAX/NOPB Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LMV844MAX/NOPB
Description  CMOS Input, RRIO, Wide Supply Range Operational Amplifiers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV844MAX/NOPB Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMV844MAX/NOPB Datasheet HTML 7Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 8Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 9Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 10Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 11Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 12Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 13Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 14Page - Texas Instruments LMV844MAX/NOPB Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
SUPPLY VOLTAGE (V)
150
140
130
120
110
100
90
80
70
60
50
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 2 k:
SUPPLY VOLTAGE (V)
75
70
65
60
55
50
45
40
35
30
25
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 10 k:
SUPPLY VOLTAGE (V)
135
125
115
105
95
85
75
65
55
45
35
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 2 k:
SUPPLY VOLTAGE (V)
65
60
55
50
45
40
35
30
25
20
15
2
4
6
8
10
12
14
-40°C
25°C
85°C
125°C
RL = 10 k:
LMV841, LMV842, LMV844
www.ti.com
SNOSAT1G – OCTOBER 2006 – REVISED FEBRUARY 2013
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
At TA = 25°C, RL = 10kΩ, VS = 5V. Unless otherwise specified.
Output Swing High
Output Swing High
vs.
vs.
Supply Voltage
Supply Voltage
RL = 2kΩ
RL = 10kΩ
Figure 16.
Figure 17.
Output Swing Low
Output Swing Low
vs.
vs.
Supply Voltage
Supply Voltage
RL = 2kΩ
RL = 10kΩ
Figure 18.
Figure 19.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMV841 LMV842 LMV844



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com