Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 3Page - Texas Instruments LPV531 Datasheet HTML 4Page - Texas Instruments LPV531 Datasheet HTML 5Page - Texas Instruments LPV531 Datasheet HTML 6Page - Texas Instruments LPV531 Datasheet HTML 7Page - Texas Instruments LPV531 Datasheet HTML 8Page - Texas Instruments LPV531 Datasheet HTML 9Page - Texas Instruments LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
85°C
2.5
3.5
4.5
5.5
6.5
3
4
5
6
7
SUPPLY VOLTAGE (V)
25°C
-40°C
120
100
10k
1M
100M
FREQUENCY (Hz)
-20
20
60
10M
100k
1k
100
80
40
0
135
-23
23
68
113
90
45
0
PHASE
GAIN
RL = 100 k:
CL = 20 pF
V
+
= 5V
85°C
2.5
3.5
4.5
5.5
6.5
250
300
350
400
450
500
550
SUPPLY VOLTAGE (V)
25°C
-40°C
85°C
2.5
3.5
4.5
5.5
6.5
25
30
35
40
45
50
55
SUPPLY VOLTAGE (V)
25°C
-40°C
-12
-10
-8
-6
-4
-2
0
ISEL (PA)
0
100
200
300
400
500
600
-40°C
85°C
25°C
-0.1
-1
-10
ISEL (PA)
1
10
100
1000
-40°C
85°C
25°C
LPV531
www.ti.com
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
Typical Performance Characteristics
Unless otherwise specified, V
+ = 5V, T
J = 25°C. For Full Power Mode the ISEL pin is connected to V
−; for Mid-Power Mode the
ISEL pin is connected to V
− through a 100 kΩ resistor; for Low Power Mode the I
SEL pin is connected to V
− through a 1 MΩ
resistor.
Supply Current
Supply Current
vs.
vs.
ISEL
ISEL
Figure 3.
Figure 4.
Supply Current
Supply Current
vs.
vs.
Supply Voltage
Supply Voltage
(Full Power Mode)
(Mid Power Mode)
Figure 5.
Figure 6.
Supply Current
Gain and Phase
vs.
vs.
Supply Voltage
Frequency
(Low Power Mode)
(Full Power Mode)
Figure 7.
Figure 8.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com