Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LPV531 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LPV531
Description  Programmable Micropower CMOS Input, Rail-to-Rail Output Operational Amplifier
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LPV531 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LPV531 Datasheet HTML 10Page - Texas Instruments LPV531 Datasheet HTML 11Page - Texas Instruments LPV531 Datasheet HTML 12Page - Texas Instruments LPV531 Datasheet HTML 13Page - Texas Instruments LPV531 Datasheet HTML 14Page - Texas Instruments LPV531 Datasheet HTML 15Page - Texas Instruments LPV531 Datasheet HTML 16Page - Texas Instruments LPV531 Datasheet HTML 17Page - Texas Instruments LPV531 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
REXT = 1 M:
LOW
POWER
MODE
REXT = 100 k:
MID
POWER
MODE
REXT = 0:
HIGH
POWER
MODE
+
-
-
+
VOUT
LPV531
ISEL
IN
VINT = 110 mV
RINT = 11 k:
6 V
+
2 V
-
1
OUT
5
ISEL
REXT
4
3
IN
-
IN
+
+
-
LPV531
SNOSAK5B – MARCH 2006 – REVISED MARCH 2013
www.ti.com
Figure 36. Single Power Mode
Switched Discrete Power Modes
In this typical application, the LPV531 can operate at two (or more) power modes in order to fulfill the demands
of the design. One of the modes is used to save power. It is a low power mode which is set by using a large
resistor. The others are the higher power modes which are set by one or more smaller resistors. The larger
resistor that sets the low power mode can be permanently connected while the smaller resistor(s) can be
switched in parallel to set the high power mode(s). This configuration allows the designer to get the required
performance from the LPV531 when needed.
Figure 37. Power Modes Set by Resistors and Switches
The switches shown in Figure 37 can be easily implemented with an open drain I/O port of an ASIC or any other
simple pull down switch.
DAC Controlled Power Modes
For voltage controlled filter applications, where control of the gain bandwidth is essential, a DAC and a resistive
voltage divider can be used. In this application the current drawn from the ISEL pin is controlled by the DAC. The
DAC’s total output range is divided to match the V− to VINT voltage which has the range of 0-110 mV.
14
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LPV531



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com