Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE82452-3SA Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE82452-3SA
Description  2 Channel High-Side and Low-Side Linear Solenoid Driver IC
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE82452-3SA Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE82452-3SA Datasheet HTML 5Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 6Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 7Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 8Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 9Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 10Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 11Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 12Page - Infineon Technologies AG TLE82452-3SA Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 71 page
background image
Data Sheet
9
Rev 1.0, 2015-03-27
-
TLE82452-3SA
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 1
Absolute Maximum Ratings1)
T
j = -40 °C to +150 °C; all voltages with respect to ground (GNDD), positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit
Note /
Test Condition
Number
Min.
Typ.
Max.
Voltages
Supply Voltage
V
BAT
-0.3
–
45
V
–
P_4.1.1
Load Supply Voltage
V
LSUP
-0.3
–
45
V
–
P_4.1.2
Digital, Analog, and IO Supply
Voltage
V
DDD, VDDA,
V
DDAREF, VIO
-0.3
–
5.5
V
with respect to
GNDD, GNDA,
GNDAREF, and
GNDPx
P_4.1.3
Input Voltage; SCK, CSN, SI,
RESN, EN, TM, CLK
V
INLV
-0.3
–
V
DDD+
0.32)
V–
P_4.1.4
Input Voltage; HSLS1, and HSLS2
VHSLSX
-0.3
–
V
BAT+
0.33)
V–
P_4.1.6
Open Drain Output; FAULTN
V
FAULTN
-0.3
–
V
IO+
0.32)
V–
P_4.1.9
Push Pull Output; SO
V
SO
-0.3
–
V
IO+
0.32)
V
–
P_4.1.10
Voltage; LOADx
V
LOAD
-2
–
V
x+ 5
4) V
|I
I| < 1.6 A
P_4.1.11
Voltage; CPOUT
V
CPOUT
V
BAT -
0.3
–
50
V
–
P_4.1.12
Maximum Voltage; CPC1L, CPC2L
V
CPCxL
-0.3
–
50
V
–
P_4.1.13
Maximum Voltage; CPC1H,
CPC2H
V
CPCxH
-0.3
–
50
V
–
P_4.1.14
Maximum Voltage; GNDPx
V
GNDP
-0.3
–
1.0
V
with respect to
GNDD
P_4.1.15
Maximum Voltage; GNDA,
GNDAREF
V
GND
-0.3
–
0.3
V
with respect to
GNDD
P_4.1.16
Currents
Output Current
I
-1.6
–
1.6
A
DC5)
P_4.1.17
Output Current, FAULTN Pin
I
FAULTN
0
–
20
mA
DC
P_4.1.18
Output Current, SO Pin
I
SO
-20
–
20
mA
DC
P_4.1.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com