Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC916 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC916 Datasheet HTML 1Page - Micrel Semiconductor MIC916 Datasheet HTML 2Page - Micrel Semiconductor MIC916 Datasheet HTML 3Page - Micrel Semiconductor MIC916 Datasheet HTML 4Page - Micrel Semiconductor MIC916 Datasheet HTML 5Page - Micrel Semiconductor MIC916 Datasheet HTML 6Page - Micrel Semiconductor MIC916 Datasheet HTML 7Page - Micrel Semiconductor MIC916 Datasheet HTML 8Page - Micrel Semiconductor MIC916 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 2000
3
MIC916
MIC916
Micrel
Absolute Maximum Ratings (Note 1)
Supply Voltage (V
V+ – VV–) ........................................... 20V
Differentail Input Voltage (
V
IN+ – VIN–) .......... 8V, Note 4
Input Common-Mode Range (V
IN+, VIN–) .......... VV+ to VV–
Lead Temperature (soldering, 5 sec.) ....................... 260
°C
Storage Temperature (T
S) ........................................ 150°C
ESD Rating, Note 3 ................................................... 1.5kV
Operating Ratings (Note 2)
Supply Voltage (V
S) ....................................... ±2.5V to ±9V
Junction Temperature (T
J) ......................... –40°C to +85°C
Package Thermal Resistance ............................... 260
°C/W
Electrical Characteristics (
±5V)
V
V+ = +5V, VV– = –5V, VCM = 0V, VOUT = 0V; RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted.
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
1
15
mV
V
OS
Input Offset Voltage
4
µV/°C
Temperature Coefficient
I
B
Input Bias Current
3.5
5.5
µA
9
µA
I
OS
Input Offset Current
0.05
3
µA
V
CM
Input Common-Mode Range
CMRR > 60dB
–3.25
+3.25
V
CMRR
Common-Mode Rejection Ratio
–2.5V < V
CM < +2.5V
70
90
dB
60
dB
PSRR
Power Supply Rejection Ratio
±5V < V
S < ±9V
74
81
dB
70
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2k, VOUT = ±2V
60
71
dB
R
L = 200Ω, VOUT = ±2V
60
71
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+3.3
3.5
V
+3.0
V
negative, R
L = 2kΩ
–3.5
–3.3
V
–3.0
V
positive, R
L = 200Ω
+3.0
3.2
V
+2.75
V
negative, R
L = 200Ω
–2.8
–2.45
V
–2.2
V
GBW
Gain-Bandwidth Product
R
L = 1kΩ
125
MHz
BW
–3dB Bandwidth
A
V = 1, RL = 100Ω
192
MHz
SR
Slew Rate
230
V/
µs
Crosstalk
f = 1MHz, between op amp A and B or B and C
56
dB
f = 1 MHz, between op amp A and C
72
dB
I
GND
Short-Circuit Output Current
source
72
mA
sink
25
mA
I
GND
Supply Current per Op Amp
2.4
3.5
mA
4.1
mA
Electrical Characteristics
V
V+ = +9V, VV– = –9V, VCM = 0V, VOUT = 0V; RL = 10MΩ; TJ = 25°C, bold values indicate –40°C ≤ TJ ≤ +85°C; unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
V
OS
Input Offset Voltage
1
15
mV
V
OS
Input Offset Voltage
4
µV/°C
Temperature Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com