Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIC916 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC916
Description  Triple 135MHz Low-Power Op Amp
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC916 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC916 Datasheet HTML 1Page - Micrel Semiconductor MIC916 Datasheet HTML 2Page - Micrel Semiconductor MIC916 Datasheet HTML 3Page - Micrel Semiconductor MIC916 Datasheet HTML 4Page - Micrel Semiconductor MIC916 Datasheet HTML 5Page - Micrel Semiconductor MIC916 Datasheet HTML 6Page - Micrel Semiconductor MIC916 Datasheet HTML 7Page - Micrel Semiconductor MIC916 Datasheet HTML 8Page - Micrel Semiconductor MIC916 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MIC916
Micrel
MIC916
4
September 2000
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
B
Input Bias Current
3.5
5.5
µA
9
µA
I
OS
Input Offset Current
0.05
3
µA
V
CM
Input Common-Mode Range
CMRR > 60dB
–7.25
+7.25
V
CMRR
Common-Mode Rejection Ratio
–6.5V < V
CM < 6.5V
70
98
dB
60
dB
A
VOL
Large-Signal Voltage Gain
R
L = 2kΩ, VOUT = ±6V
60
73
dB
V
OUT
Maximum Output Voltage Swing
positive, R
L = 2kΩ
+7.2
+7.4
V
+6.8
V
negative, R
L = 2kΩ
–7.4
–7.2
V
–6.8
V
GBW
Gain-Bandwidth Product
R
L = 1kΩ
135
MHz
SR
Slew Rate
270
V/
µs
Crosstalk
f = 1MHz, between op amp A and B or B and C
56
dB
f = 1 MHz, between op amp A and C
72
dB
I
GND
Short-Circuit Output Current
source
90
mA
sink
32
mA
I
GND
Supply Current per Op Amp
2.5
3.7
mA
4.3
mA
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
Note 4.
Exceeding the maximum differential input voltage will damage the input stage and degrade performance (in particular, input bias current is
likely to increase.
Test Circuits
2k
10k
10k
10k
0.1
µF
0.1
µF
0.1
µF
10
µF
50
Ω
50
Ω
50
Ω
0.1
µF
10
µF
All resistors:
1% metal film
Output
Input
Input
VCC
VEE
BNC
BNC
BNC
PSRR vs. Frequency
0.1
µF
10
µF
0.1
µF
10
µF
VCC
VEE
BNC
R7c 2k
R7b 200
Ω
R7a 100
Ω
Input
R6
5k
R2
5k
R3
200k
R4
250
Ω
R5
5k
Output
R1 5k
BNC
All resistors 1%
VV
R2
R1
R2
R
R4
OUT
ERROR
=+
+
++


1
5
R7
CMRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com