Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S331JC Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY100S331JC
Description  TRIPLE D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331JC Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY100S331JC Datasheet HTML 1Page - Micrel Semiconductor SY100S331JC Datasheet HTML 2Page - Micrel Semiconductor SY100S331JC Datasheet HTML 3Page - Micrel Semiconductor SY100S331JC Datasheet HTML 4Page - Micrel Semiconductor SY100S331JC Datasheet HTML 5Page - Micrel Semiconductor SY100S331JC Datasheet HTML 6Page - Micrel Semiconductor SY100S331JC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TRIPLE D
FLIP-FLOP
SY100S331
s Max. toggle frequency of 800MHz
s Differential outputs
s IEE min. of –80mA
s Industry standard 100K ECL levels
s Extended supply voltage option:
VEE = –4.2V to –5.5V
s Voltage and temperature compensation for improved
noise immunity
s Internal 75K
Ω input pull-down resistors
s 150% faster than Fairchild
s 40% lower power than Fairchild
s Function and pinout compatible with Fairchild F100K
s Available in 24-pin CERPACK and 28-pin PLCC
packages
FEATURES
DESCRIPTION
The SY100S331 offers three D-type, edge-triggered
master/slave flip-flops with true and complement outputs,
designed for use in high-performance ECL systems. Each
flip-flop is controlled by a common clock (CPc), as well as
its own clock pulse (CPn). The resultant clock signal
controlling the flip-flop is the logical OR operation of these
two clock signals. Data enters the master when both CPc
and CPn are LOW and enters the slave on the rising edge
of either CPc or CPn (or both).
Additional control signals include Master Set (MS) and
Master Reset (MR) inputs. Each flip-flop also has its own
Direct Set (SDn) and Direct Clear (CDn) signals. The MR,
MS, SDn and DCn signals override the clock signals. The
inputs on this device have 75K
Ω pull-down resistors.
Rev.: G
Amendment: /0
Issue Date:
July, 1999
BLOCK DIAGRAM
CPC
CP
D
SD
CD
CP2
CD2
D2
SD2
Q2
Q2
CP
D
SD
CD
CP1
CD1
D1
SD1
Q1
Q1
CP
D
SD
CD
CP0
CD0
D0
SD0
Q0
Q0
MS MR
SD0
CD0
CP0
D0
Q0
Q0
CP1
SD2
CP2
CD1
D2
CD2
18
17
16
15
14
13
1
2
3
4
5
6
7
24
8
23
9
22
10
21
11
20
12
19
Top View
Flatpack
F24-1
PIN CONFIGURATIONS
Q1
Q1
VCCA
VCC
Q2
VCC
MS
VEE
MR
CPC
SD1
VEES
4
3
2
1
28
27
12
13
14
15
16
17
19
11
20
10
21
9
22
8
23
7
24
6
Top View
PLCC
J28-1
Q2
D1
26
18
25
5
1


Similar Part No. - SY100S331JC

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY100S331JC MICREL-SY100S331JC Datasheet
95Kb / 8P
TRIPLE D FLIP-FLOP
SY100S331JC MICREL-SY100S331JC Datasheet
424Kb / 6P
TRIPLE D FLIP-FLOP
SY100S331JCTR MICREL-SY100S331JCTR Datasheet
95Kb / 8P
TRIPLE D FLIP-FLOP
SY100S331JCTR MICREL-SY100S331JCTR Datasheet
424Kb / 6P
TRIPLE D FLIP-FLOP
More results

Similar Description - SY100S331JC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
100331 NSC-100331 Datasheet
150Kb / 8P
Low Power Triple D Flip-Flop
F100331 NSC-F100331 Datasheet
279Kb / 10P
Low Power Triple D Flip-Flop
logo
ON Semiconductor
MC100LVEL30 ONSEMI-MC100LVEL30 Datasheet
102Kb / 3P
Triple D Flip-Flop With Set and Reset
1996 REV 2
logo
Fairchild Semiconductor
100331 FAIRCHILD-100331 Datasheet
101Kb / 10P
Low Power Triple D-Type Flip-Flop
logo
National Semiconductor ...
F100135 NSC-F100135 Datasheet
137Kb / 6P
TRIPLE J-K FLIP-FLOP
F100131 NSC-F100131 Datasheet
168Kb / 8P
TRIPLE D FLIP-FLOP
logo
Micrel Semiconductor
SY55852U MICREL-SY55852U Datasheet
54Kb / 7P
D FLIP-FLOP
SY100S331 MICREL-SY100S331_06 Datasheet
95Kb / 8P
TRIPLE D FLIP-FLOP
SY55852U MICREL-SY55852U_07 Datasheet
56Kb / 7P
D FLIP-FLOP
SY100S331 MICREL-SY100S331_10 Datasheet
424Kb / 6P
TRIPLE D FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com