Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SY100S331JC Datasheet(PDF) 5 Page - Micrel Semiconductor

Part # SY100S331JC
Description  TRIPLE D FLIP-FLOP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY100S331JC Datasheet(HTML) 5 Page - Micrel Semiconductor

  SY100S331JC Datasheet HTML 1Page - Micrel Semiconductor SY100S331JC Datasheet HTML 2Page - Micrel Semiconductor SY100S331JC Datasheet HTML 3Page - Micrel Semiconductor SY100S331JC Datasheet HTML 4Page - Micrel Semiconductor SY100S331JC Datasheet HTML 5Page - Micrel Semiconductor SY100S331JC Datasheet HTML 6Page - Micrel Semiconductor SY100S331JC Datasheet HTML 7Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
SY100S331
Micrel
TIMING DIAGRAMS
CLOCK
50%
+0.31V
DATA
tS
50%
th
+1.05V
+0.31V
+1.05V
Data Setup and Hold Time
NOTES:
ts is the minimum time before the transition of the clock that information must be present at the data input.
th is the minimum time after the transition of the clock that information must remain unchanged at the data input.
PRODUCT ORDERING CODE
Ordering
Package
Operating
Code
Type
Range
SY100S331FC
F24-1
Commercial
SY100S331JC
J28-1
Commercial
SY100S331JCTR
J28-1
Commercial



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com