Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4995TMX/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995TMX/NOPB
Description  1.3 W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4995TMX/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LM4995TMX/NOPB Datasheet HTML 1Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 2Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 3Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 4Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 5Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 6Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 7Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 8Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
A
B
C
-IN
+IN
VO1
VO2
BYP
GND
GND
VDD
SHDN
3
2
1
1
2
3
4
8
7
6
5
SHUTDOWN
BYPASS
+IN
-IN
VO2
GND
VDD
VO1
LM4995, LM4995TMBD
SNAS329G – APRIL 2006 – REVISED APRIL 2013
www.ti.com
TYPICAL APPLICATION
Figure 1. Typical Audio Amplifier Application Circuit
CONNECTION DIAGRAM
xxx
xxx
Figure 3. WSON (Top View)
See NGQ0008A Package
Figure 2. DSBGA (Top View)
See YFQ0009 Package
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM4995 LM4995TMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com