Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4995TMX/NOPB Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # LM4995TMX/NOPB
Description  1.3 W Audio Power Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM4995TMX/NOPB Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM4995TMX/NOPB Datasheet HTML 14Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 15Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 16Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 17Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 18Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 19Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 20Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 21Page - Texas Instruments LM4995TMX/NOPB Datasheet HTML 22Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
MECHANICAL DATA
YFQ0009xxx
www.ti.com
TMD09XXX (Rev A)
E
0.600±0.075
D
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215077/A
12/12
D: Max =
E: Max =
1.24 mm, Min =
1.24 mm, Min =
1.18 mm
1.18 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com