Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21-IP Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC21-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-IP Datasheet(HTML) 3 Page - Microchip Technology

  24LC21-IP Datasheet HTML 1Page - Microchip Technology 24LC21-IP Datasheet HTML 2Page - Microchip Technology 24LC21-IP Datasheet HTML 3Page - Microchip Technology 24LC21-IP Datasheet HTML 4Page - Microchip Technology 24LC21-IP Datasheet HTML 5Page - Microchip Technology 24LC21-IP Datasheet HTML 6Page - Microchip Technology 24LC21-IP Datasheet HTML 7Page - Microchip Technology 24LC21-IP Datasheet HTML 8Page - Microchip Technology 24LC21-IP Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
DS21095F-page 3
24LC21
TABLE 1-3:
AC CHARACTERISTICS
Parameter
Symbol
Standard Mode
Vcc= 4.5 - 5.5V
Fast Mode
Units
Remarks
Min
Max
Min
Max
Clock frequency
FCLK
—
100
—
400
kHz
Clock high time
THIGH
4000
—
600
—
ns
Clock low time
TLOW
4700
—
1300
—
ns
SDA and SCL rise time
TR
—
1000
—
300
ns
(Note 1)
SDA and SCL fall time
TF
—
300
—
300
ns
(Note 1)
START condition hold time
THD:STA
4000
—
600
—
ns
After this period the first clock
pulse is generated
START condition setup
time
TSU:STA
4700
—
600
—
ns
Only relevant for repeated
START condition
Data input hold time
THD:DAT
0
—
0
—
ns
(Note 2)
Data input setup time
TSU:DAT
250
—
100
—
ns
STOP condition setup time TSU:STO
4000
—
600
—
ns
Output valid from clock
TAA
—
3500
—
900
ns
(Note 2)
Bus free time
TBUF
4700
—
1300
—
ns
Time the bus must be free
before a new transmission
can start
Output fall time from VIH
min to VIL max
TOF
—
250
20 + .1
CB
250
ns
(Note 1), CB
≤ 100 pF
Input filter spike suppres-
sion (SDA and SCL pins)
TSP
—
50
—
50
ns
(Note 3)
Write cycle time
TWR
—
10
—
10
ms
Byte or Page mode
Transmit-Only Mode Parameters
Output valid from VCLK
TVAA
—
2000
—
1000
ns
VCLK high time
TVHIGH
4000
—
600
—
ns
VCLK low time
TVLOW
4700
—
1300
—
ns
Mode transition time
TVHZ
—
500
—
500
ns
Transmit-Only power up
time
TVPU
0—
0
—
ns
Endurance
—
10M
—
10M
—
cycles
25
°C, Vcc = 5.0V, Block Mode
(Note 4)
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (min-
imum 300 ns) of the falling edge of SCL to avoid unintended generation of START or STOP conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt trigger inputs which provide improved
noise and spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com