Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LC21-IP Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LC21-IP
Description  1K 2.5V Dual Mode I 2 C Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC21-IP Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LC21-IP Datasheet HTML 2Page - Microchip Technology 24LC21-IP Datasheet HTML 3Page - Microchip Technology 24LC21-IP Datasheet HTML 4Page - Microchip Technology 24LC21-IP Datasheet HTML 5Page - Microchip Technology 24LC21-IP Datasheet HTML 6Page - Microchip Technology 24LC21-IP Datasheet HTML 7Page - Microchip Technology 24LC21-IP Datasheet HTML 8Page - Microchip Technology 24LC21-IP Datasheet HTML 9Page - Microchip Technology 24LC21-IP Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
24LC21
DS21095F-page 6
© 1996 Microchip Technology Inc.
3.1.4
DATA VALID (D)
The state of the data line represents valid data when,
after a START condition, the data line is stable for the
duration of the HIGH period of the clock signal.
The data on the line must be changed during the LOW
period of the clock signal. There is one clock pulse per
bit of data.
Each data transfer is initiated with a START condition
and terminated with a STOP condition. The number of
the data bytes transferred between the START and
STOP conditions is determined by the master device
and is theoretically unlimited, although only the last
eight will be stored when doing a write operation. When
an overwrite does occur it will replace data in a first in
first out fashion.
3.1.5
ACKNOWLEDGE
Each receiving device, when addressed, is obliged to
generate an acknowledge after the reception of each
byte. The master device must generate an extra clock
pulse which is associated with this acknowledge bit.
The device that acknowledges has to pull down the
SDA line during the acknowledge clock pulse in such a
way that the SDA line is stable LOW during the HIGH
period of the acknowledge related clock pulse.
Of
course, setup and hold times must be taken into
account. A master must signal an end of data to the
slave by not generating an acknowledge bit on the last
byte that has been clocked out of the slave. In this
case, the slave must leave the data line HIGH to enable
the master to generate the STOP condition.
Note:
The 24LC21 does not generate any
acknowledge bits if an internal program-
ming cycle is in progress.
FIGURE 3-3:
BUS TIMING START/STOP
FIGURE 3-4:
BUS TIMING DATA
TSU:STA
THD:STA
VHYS
TSU:STO
START
STOP
SCL
SDA
TSU:STA
TF
TLOW
THIGH
TR
THD:DAT
TSU:DAT
TSU:STO
THD:STA
TBUF
TAA
TAA
TSP
THD:STA
SCL
SDA
IN
SDA
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com