Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LCS52 Datasheet(PDF) 5 Page - Microchip Technology

Part # 24LCS52
Description  2K 2.5V I 2 C Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS52 Datasheet(HTML) 5 Page - Microchip Technology

  24LCS52 Datasheet HTML 1Page - Microchip Technology 24LCS52 Datasheet HTML 2Page - Microchip Technology 24LCS52 Datasheet HTML 3Page - Microchip Technology 24LCS52 Datasheet HTML 4Page - Microchip Technology 24LCS52 Datasheet HTML 5Page - Microchip Technology 24LCS52 Datasheet HTML 6Page - Microchip Technology 24LCS52 Datasheet HTML 7Page - Microchip Technology 24LCS52 Datasheet HTML 8Page - Microchip Technology 24LCS52 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21166B-page 5
24LCS52
The eighth bit of slave address determines if the master
device wants to read or write to the 24LCS52 (Figure 3-
2). When set to a one a read operation is selected and
when set to a zero a write operation is selected.
FIGURE 3-2:
CONTROL BYTE
ALLOCATION
4.0
WRITE OPERATIONS
4.1
Byte Write
Following the start signal from the master, the device
code(4 bits), the chip select bits (3 bits), and the R/W
bit which is a logic low is placed onto the bus by the
master transmitter. This indicates to the addressed
slave receiver that a byte with a word address will follow
after it has generated an acknowledge bit during the
ninth clock cycle. Therefore the next byte transmitted by
the master is the word address and will be written into
the address pointer of the 24LCS52. After receiving
Operation
Control
Code
Chip
Select
R/W
Read
Write
Set Write Protect
Register
1010
1010
0110
A2 A1 A0
A2 A1 A0
A2 A1 A0
1
0
0
SLAVE ADDRESS
R/W
A
1
0
1
0
A2
A1
A0
START
READ/WRITE
0
1
1
0
A2
A1
A0
OR
another acknowledge signal from the 24LCS52 the
master device will transmit the data word to be written
into the addressed memory location. The 24LCS52
acknowledges again and the master generates a stop
condition. This initiates the internal write cycle, and dur-
ing this time the 24LCS52 will not generate acknowl-
edge signals (Figure 4-1). If an attempt is made to write
to the array when the software or hardware write pro-
tection has been enabled, the device will acknowledge
the command but no data will be written. The write
cycle time must be observed even if the write protection
is enabled.
4.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24LCS52 in the same way
as in a byte write. But instead of generating a stop con-
dition, the master transmits up to 15 additional data
bytes to the 24LCS52 which are temporarily stored in
the on-chip page buffer and will be written into the
memory after the master has transmitted a stop condi-
tion. After the receipt of each word, the four lower order
address pointer bits are internally incremented by one.
The higher order four bits of the word address remains
constant. If the master should transmit more than 16
bytes prior to generating the stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the stop condition is received an inter-
nal write cycle will begin (Figure 4-2). If an attempt is
made to write to the array when the hardware write pro-
tection has been enabled, the device will acknowledge
the command but no data will be written. The write
cycle time must be observed even if the write protection
is enabled.
FIGURE 4-1:
BYTE WRITE
FIGURE 4-2:
PAGE WRITE
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
S
T
O
P
CONTROL
BYTE
WORD
ADDRESS
DATA
A
C
K
A
C
K
A
C
K
S
P
BUS ACTIVITY
MASTER
SDA LINE
BUS ACTIVITY
S
T
A
R
T
CONTROL
BYTE
WORD
ADDRESS (n)
DATA n
DATA n + 15
S
T
O
P
A
C
K
A
C
K
A
C
K
A
C
K
A
C
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com