Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C16 Datasheet(PDF) 3 Page - Microchip Technology

Part # 24C16
Description  8K/16K 5.0V SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C16 Datasheet(HTML) 3 Page - Microchip Technology

  24C16 Datasheet HTML 1Page - Microchip Technology 24C16 Datasheet HTML 2Page - Microchip Technology 24C16 Datasheet HTML 3Page - Microchip Technology 24C16 Datasheet HTML 4Page - Microchip Technology 24C16 Datasheet HTML 5Page - Microchip Technology 24C16 Datasheet HTML 6Page - Microchip Technology 24C16 Datasheet HTML 7Page - Microchip Technology 24C16 Datasheet HTML 8Page - Microchip Technology 24C16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS21147F-page 3
25C080/160
FIGURE 1-2:
SERIAL INPUT TIMING
FIGURE 1-3:
SERIAL OUTPUT TIMING
FIGURE 1-4:
HOLD TIMING
CS
SCK
SI
SO
t
CSS
t
HD
t
SU
t
F
t
R
t
CSD
t
CLD
t
CSH
LSB in
MSB in
high impedance
CS
SCK
SO
t
LO
t
HI
t
HO
t
V
MSB out
LSB out
t
CSH
t
DIS
don’t care
SI
CS
SCK
SO
SI
HOLD
t
HH
t
HS
t
HS
t
HH
t
HV
t
HZ
don’t care
t
SU
high impedance
n+2
n+1
n
n-1
n
n+2
n+1
n
n
n-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com