Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24C16 Datasheet(PDF) 4 Page - Microchip Technology

Part # 24C16
Description  8K/16K 5.0V SPI Bus Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C16 Datasheet(HTML) 4 Page - Microchip Technology

  24C16 Datasheet HTML 1Page - Microchip Technology 24C16 Datasheet HTML 2Page - Microchip Technology 24C16 Datasheet HTML 3Page - Microchip Technology 24C16 Datasheet HTML 4Page - Microchip Technology 24C16 Datasheet HTML 5Page - Microchip Technology 24C16 Datasheet HTML 6Page - Microchip Technology 24C16 Datasheet HTML 7Page - Microchip Technology 24C16 Datasheet HTML 8Page - Microchip Technology 24C16 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
25C080/160
DS21147F-page 4
Preliminary
© 1996 Microchip Technology Inc.
TABLE 1-3:
AC CHARACTERISTICS
Applicable over recommended operating ranges shown below unless otherwise noted.
VCC = 4.5V to 5.5V
Commercial (C): Tamb = 0
° to +70°C
Industrial (I):
Tamb = -40
° to +85°C
Automotive (E): Tamb = -40˚C to +125˚C
Symbol
Parameter
Min
Max
Units
Test Conditions
fSCK
Clock Frequency
—
3
MHz
tCSS
CS Setup Time
100
—
ns
tCSH
CS Hold Time
100
—
ns
tCSD
CS Disable Time
250
—
ns
tSU
Data Setup Time
30
—
ns
tHD
Data Hold Time
50
—
ns
tR
CLK Rise Time
—
2
µs
(Note 1)
tF
CLK Fall Time
—
2
µs
(Note 1)
tHI
Clock High Time
150
—
ns
tLO
Clock Low Time
150
—
ns
tCLD
Clock Delay Time
50
—
ns
tV
Output Valid from
Clock Low
—
150
ns
tHO
Output Hold Time
0
—
ns
tDIS
Output Disable Time
—
200
ns
(Note 1)
tHS
HOLD Setup Time
100
—
ns
tHH
HOLD Hold Time
100
—
ns
tHZ
HOLD Low to Output High-Z
100
—
ns
(Note 1)
tHV
HOLD High to Output Valid
100
—
ns
(Note 1)
tWC
Internal Write Cycle Time
—
5
ms
(Note 2)
—
Endurance
10M
—
E/W Cycles 25
°C, Vcc = 5.0V, Block Mode
(Note 3)
Note 1: This parameter is periodically sampled and not 100% tested.
2: tWC begins on the rising edge of CS after a valid write sequence and ends when the internal self-timed write
cycle is complete.
3: This parameter is not tested but guaranteed by characterization. For endurance estimates in a specific appli-
cation, please consult the Total Endurance Model which can be obtained on our BBS or website.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com