Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LCS66 Datasheet(PDF) 6 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 6 Page - Microchip Technology

Back Button 93LCS66 Datasheet HTML 2Page - Microchip Technology 93LCS66 Datasheet HTML 3Page - Microchip Technology 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology 93LCS66 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
93LCS56/66
DS11181D-page 6
Preliminary
© 1996 Microchip Technology Inc.
FIGURE 2-1:
SYNCHRONOUS DATA TIMING
FIGURE 2-2:
READ TIMING
FIGURE 2-3:
EWEN TIMING
CLK
STATUS VALID
VIH
VIL
CS
TCSS
TDIS
TDIH
TSV
TCSH
TCKH
TCKL
TPD
TCZ
TCZ
TPD
VIH
VIL
DI
VIH
VIL
DO
(READ)
VOH
VOL
DO
(PROGRAM)
VOH
VOL
TPRES
PRE
VIH
VIL
PE
VIH
VIL
TPES
TPREH
TPEH
CLK
CS
TCSL
A2
• • •
A0
0
1
1
DI
DO
* The memory automatically cycles to the next register.
Tri-State is a registered trademark of National Semiconductor.
D15
• • •
D0
0
D15*
• • •
D0
D15*
TRI-STATE®
PRE = 0
PE = X
• • •
CLK
CS
TCSL
0
0
1
DI
1
1
• • •
XX
PRE = 0
DO = TRI-STATE
PE
6 DON'T CARE BITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com