Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

93LCS66 Datasheet(PDF) 9 Page - Microchip Technology

Part # 93LCS66
Description  2K/4K 2.5V Microwire Serial EEPROM with Software Write Protect
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93LCS66 Datasheet(HTML) 9 Page - Microchip Technology

Back Button 93LCS66 Datasheet HTML 4Page - Microchip Technology 93LCS66 Datasheet HTML 5Page - Microchip Technology 93LCS66 Datasheet HTML 6Page - Microchip Technology 93LCS66 Datasheet HTML 7Page - Microchip Technology 93LCS66 Datasheet HTML 8Page - Microchip Technology 93LCS66 Datasheet HTML 9Page - Microchip Technology 93LCS66 Datasheet HTML 10Page - Microchip Technology 93LCS66 Datasheet HTML 11Page - Microchip Technology 93LCS66 Datasheet HTML 12Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
© 1996 Microchip Technology Inc.
Preliminary
DS11181D-page 9
93LCS56/66
FIGURE 2-10: PREN TIMING
FIGURE 2-11: PRCLEAR TIMING
FIGURE 2-12: PRWRITE TIMING
CLK
CS
TCSL
1
DI
X
• • •
01
PE
X
DO = TRI-STATE
A EWEN cycle must precede a PREN cycle.
PRE
0
1
6 DON'T CARE BITS
CLK
CS
TCSL
1
DI
BUSY
• • •
READY
TWC
DO
1
TRI-STATE
PE
PRE
1
11
11
1
A PREN cycle must immediately precede a PRCLEAR cycle.
8 BITS OF "1"
CLK
CS
TCSL
0
DI
BUSY
READY
TWC
DO
1
PE
PRE
1
A7
• • •
A0
Protect Register MUST be cleared before a PRWRITE cycle.
A PREN cycle must immediately precede a PRWRITE cycle.
Address bit A7 is a "don't care" for 93LCS56.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com