| Electronic Components Datasheet Search |
|
TLE8250GVIO Datasheet(PDF) 8 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250GVIO Datasheet(HTML) 8 Page - Infineon Technologies AG |
|
8 / 28 page ![]() Data Sheet 8 Rev. 1.1, 2014-10-08 TLE8250GVIO Functional Description 4.2 Operation Modes Two different operation modes are available on TLE8250GVIO. Each mode with specific characteristics in terms of quiescent current or data transmission. For the mode selection the digital input pin NEN is used. Figure 4 illustrates the different mode changes depending on the status of the NEN pin. After suppling V CC and VIO to the HS CAN transceiver, the TLE8250GVIO starts in Stand-By mode. The internal pull-up resistor is setting the TLE8250GVIO to Stand-By per default. If the microcontroller is up and running the TLE8250GVIO can change to operation mode within the time for mode change t Mode. Figure 4 Operation Modes The TLE8250GVIO has 2 major operation modes: • Stand-By mode • Normal Operation mode Table 2 Operating modes Mode NEN Bus Bias Comments Normal Operation “Low” V CC/2 Output driver stage is active. Receiver unit is active. Stand-By “High” Floating Output driver stage is disabled. Receiver unit is disabled. V CC off “Low” or “High” Floating Output driver stage is disabled. Receiver unit is disabled. Undervoltage Detection on VCC and VIO Power Down VCC < VCC(UV) Start – Up Supply VCC and VIO VIO < VIO(UV) NEN = 0 Normal Operation Mode NEN = 1 Stand-By Mode NEN = 0 NEN = 1 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |