| Electronic Components Datasheet Search |
|
TLE8250GVIO Datasheet(PDF) 9 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE8250GVIO Datasheet(HTML) 9 Page - Infineon Technologies AG |
|
9 / 28 page ![]() TLE8250GVIO Functional Description Data Sheet 9 Rev. 1.1, 2014-10-08 4.3 Normal Operation Mode In Normal Operation mode the HS CAN transceiver TLE8250GVIO sends the serial data stream on the TxD pin to the CAN bus while at the same time the data available on the CAN bus are monitored to the RxD pin. In Normal Operation mode all functions of the TLE8250GVIO are active: • The output driver stage is active and drives data from the TxD to the CAN bus. • The receiver unit is active and provides the data from the CAN bus to the RxD pin. • The bus basing is set to V CC/2. • The under-voltage monitoring on the power supply V CC and on the power supply VIO is active. To enter the Normal Operation mode set the pin NEN to logical “Low” (see Table 2 or Figure 4). The NEN pin has an internal pull-up resistors to the power-supply V IO. 4.4 Stand-By Mode Stand-By mode is an idle mode of the TLE8250GVIO with optimized power consumption. In Stand-By mode the TLE8250GVIO can not send or receive any data. The output driver stage and the normal receiver unit are disabled. Both CAN bus pins, CANH and CANL are floating. • The output driver stage is disabled. • The receiver unit is disabled. • The bus basing is floating. • The under-voltage monitoring on the power supply V CC and on the power supply VIO is active. To enter the Stand-By mode set the pin NEN to logical “High” (see Table 2 or Figure 4). The NEN pin has an internal pull-up resistor to the power-supply V IO. In case the Stand-By mode will not be used in the application, the NEN pin needs to get connected to GND. 4.5 Power Down Power Down mode means the TLE8250GVIO is not supplied. In Power Down the differential input resistors of the receiver stage are switched off. The CANH and CANL bus interface of the TLE8250GVIO acts as an high impedance input with a very small leakage current. The high ohmic input doesn’t influence the “Recessive” level of the CAN network and allows an optimized EME performance of the whole CAN network. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |