Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2120 Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 43Page - Microchip Technology MCP2120 Datasheet HTML 44Page - Microchip Technology MCP2120 Datasheet HTML 45Page - Microchip Technology MCP2120 Datasheet HTML 46Page - Microchip Technology MCP2120 Datasheet HTML 47Page - Microchip Technology MCP2120 Datasheet HTML 48Page - Microchip Technology MCP2120 Datasheet HTML 49Page - Microchip Technology MCP2120 Datasheet HTML 50Page - Microchip Technology MCP2120 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 43
Using a PICDEM™ 1 or PICDEM™ 2 Board as Host
5.2 Using the PICDEM 2 Board
The PICDEM™ 2 board may be used as the host controller in an IrDA
standard compatible system. PortB can be used to display received
characters, while any of the other ports would be used for the UART and
control signals. A PICmicro microcontroller may be selected that has a
hardware UART, or the UART functionality may be implemented in software.
Figure 5.2 shows the parts layout (silk-screen) for the PICDEM 2 board.
Figure 5.2: PICDEM 2 Parts Layout
J2
+9V
IN
U8
9V BATTERY
+
C18
1
U3
C13
C14
C15
C12
R8
R9
R10
R11
R12
R13
PICDEM 2 DEMO BOARD
PWR
U2
U1
PIC16C73
PIC16C64/74
Y2
Y1
J7
U4
RA0
R2
RESET
RA4
RC2
RN1
J6
76
543
2
10
RN2
PORT B
MCLR
RA0
RA1
RA2
RA3
RA4
RA5
RE0
RE1
RE2
NC
RB6
RB5
RB4
RB3
RB2
RB1
RB0
RD7
RD6
RD5
RB7
RD4
RD3
RD2
RD1
RD0
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
J1
U5
C17
J5
©1994
Y3
(RX)
(TX)
(SCL)
(SDA)
(OSO)
(OSI)
2
1
LCD DSPLY
14
13
J3
R6
R5
RN3
J4
KEYPAD
1
CR1
RN4
S2
S1
S3
TM
Note 1: U2 is for use with any 28-pin PIC16CXXX or PIC18CXXX device.
2: U1 is for use with any 40-pin PIC16CXXX or PIC18CXXX device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com