Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP2120 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP2120
Description  DEVELOPER?셎 KIT USER?셎 GUIDE
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2120 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP2120 Datasheet HTML 17Page - Microchip Technology MCP2120 Datasheet HTML 18Page - Microchip Technology MCP2120 Datasheet HTML 19Page - Microchip Technology MCP2120 Datasheet HTML 20Page - Microchip Technology MCP2120 Datasheet HTML 21Page - Microchip Technology MCP2120 Datasheet HTML 22Page - Microchip Technology MCP2120 Datasheet HTML 23Page - Microchip Technology MCP2120 Datasheet HTML 24Page - Microchip Technology MCP2120 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
 2001 Microchip Technology Inc.
DS51246A-page 17
Getting Started
2.4 System Configurations
There are five configurations that one would use for initial evaluation of these
two Developer’s Boards. These configurations are:
The Host controller for each board can be either a Personal Computer (PC) or
another system connected to the Host header. The PC operating system (OS)
may be any desired OS that has a terminal emulation program which can
connect to the serial port and can treat the IR port as a virtual serial port. For
our tutorial, we will use the Windows 9x OS.
Developer’s Board #1
Developer’s Board #2
1. MCP2120 Dev Board (ASCII)
↔ MCP2120 Dev Board (ASCII)
2. MCP2120 Dev Board (IR
Driver)
→ MCP2120 Dev Board (IR Driver)
3. MCP2150 Dev Board (ASCII)
↔ MCP2120 Dev Board (IR Driver)
4. MCP2120 Dev Board (IR
Driver)
→ IrDA standard port (Palm™ Pilot,
cell phone, ...)
5. MCP2150 Dev Board (ASCII)
→ IrDA standard port (Palm Pilot,
cell phone, ...)
Note 1: Windows NT® 4.x (and lower) does not support the IrDA standard
functionality. Third Party programs exist, but are not supported or
recommended by Microsoft, so are also not recommended by
Microchip.
2: Windows® 2000 does support the IrDA standard, but does not treat
the IR port as a virtual serial port. This means that you cannot
access the IR port as a serial port. This causes issues with some
terminal emulation programs, such as Hyperterminal. Windows
2000 considers the IrDA port to be a network device. Applications
that can access a network service through a network protocol (i.e.
TCP/IP) can use the MCP2120 Developer’s Board using the appro-
priate Windows 2000 driver.
Palm is a trademark of Palm, Inc.
Windows NT and Windows 2000 are registered trademarks of Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com