Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C621 Datasheet(PDF) 1 Page - Microchip Technology

Part # PIC16C621
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C621 Datasheet(HTML) 1 Page - Microchip Technology

  PIC16C621 Datasheet HTML 1Page - Microchip Technology PIC16C621 Datasheet HTML 2Page - Microchip Technology PIC16C621 Datasheet HTML 3Page - Microchip Technology PIC16C621 Datasheet HTML 4Page - Microchip Technology PIC16C621 Datasheet HTML 5Page - Microchip Technology PIC16C621 Datasheet HTML 6Page - Microchip Technology PIC16C621 Datasheet HTML 7Page - Microchip Technology PIC16C621 Datasheet HTML 8Page - Microchip Technology PIC16C621 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 1
Devices included in this data sheet:
Referred to collectively as PIC16C62X .
• PIC16C620
• PIC16C620A
• PIC16C621
• PIC16C621A
• PIC16C622
• PIC16C622A
• PIC16CR620A
High Performance RISC CPU:
• Only 35 instructions to learn
• All single-cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• 13 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(VREF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs can be output signals
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Reset
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
Device
Program
Memory
Data
Memory
PIC16C620
512
80
PIC16C620A
512
96
PIC16CR620A
512
96
PIC16C621
1K
80
PIC16C621A
1K
96
PIC16C622
2K
128
PIC16C622A
2K
128
Pin Diagrams
Special Microcontroller Features (cont’d)
• Programmable code protection
• Power saving SLEEP mode
• Selectable oscillator options
• Serial in-circuit programming (via two pins)
• Four user programmable ID locations
CMOS Technology:
• Low-power, high-speed CMOS EPROM technol-
ogy
• Fully static design
• Wide operating voltage range
- PIC16C62X - 2.5V to 6.0V
- PIC16C62XA - 2.5V to 5.5V
- PIC16CR620A - 2.0V to 5.5V
• Commercial, industrial and extended tempera-
ture range
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
- 15
µA typical @ 3.0V, 32 kHz
- < 1.0
µA typical standby current @ 3.0V
RA1/AN1
RA0/AN0
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/VREF
RA3/AN3
MCLR/VPP
VSS
RB0/INT
RB1
RB2
RB3
RA4/T0CKI
RA1/AN1
RA0/AN0
OSC2/CLKOUT
VDD
RB7
RB6
RB5
RB4
OSC1/CLKIN
RA2/AN2/VREF
RA3/AN3
MCLR/VPP
VSS
VSS
RB0/INT
RB1
RB2
RA4/T0CKI
RB3
RB3
VDD
PDIP, SOIC, Windowed CERDIP
SSOP
2
3
4
5
6
7
8
9
10
•1
2
3
4
5
6
7
8
9
•1
19
18
16
15
14
13
12
11
17
18
17
15
14
13
12
11
10
16
20
EPROM-Based 8-Bit CMOS Microcontroller
PIC16C62X


Similar Part No. - PIC16C621

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C621 MICROCHIP-PIC16C621 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C621 MICROCHIP-PIC16C621 Datasheet
1Mb / 337P
8-Bit CMOS Microcontrollers
01/18/02
PIC16C621 MICROCHIP-PIC16C621 Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C621A MICROCHIP-PIC16C621A Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
PIC16C621A MICROCHIP-PIC16C621A Datasheet
3Mb / 128P
EPROM-Based 8-Bit CMOS Microcontrollers
03/25/03
More results

Similar Description - PIC16C621

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C55XA MICROCHIP-PIC16C55XA Datasheet
1,010Kb / 96P
EPROM-Based 8-Bit CMOS Microcontroller
1997
logo
List of Unclassifed Man...
MTU8B54E ETC1-MTU8B54E Datasheet
286Kb / 23P
EPROM-Based 8-Bit CMOS Microcontroller
logo
Microchip Technology
PIC16LV5X MICROCHIP-PIC16LV5X Datasheet
132Kb / 24P
EPROM-Based 8-Bit CMOS Microcontroller Series
1996
PIC16C54C-04-P MICROCHIP-PIC16C54C-04-P Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55A-JW MICROCHIP-PIC16C55A-JW Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
11/29/12
PIC16C55-XTI MICROCHIP-PIC16C55-XTI Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C56-XT MICROCHIP-PIC16C56-XT Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C57-RC MICROCHIP-PIC16C57-RC Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
03/01/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 218P
EPROM/ROM-Based 8-Bit CMOS Microcontroller Series
01/18/02
PIC16C55A-04 MICROCHIP-PIC16C55A-04 Datasheet
1Mb / 194P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
01/18/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com