Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16C621 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16C621
Description  EPROM-Based 8-Bit CMOS Microcontroller
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C621 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16C621 Datasheet HTML 9Page - Microchip Technology PIC16C621 Datasheet HTML 10Page - Microchip Technology PIC16C621 Datasheet HTML 11Page - Microchip Technology PIC16C621 Datasheet HTML 12Page - Microchip Technology PIC16C621 Datasheet HTML 13Page - Microchip Technology PIC16C621 Datasheet HTML 14Page - Microchip Technology PIC16C621 Datasheet HTML 15Page - Microchip Technology PIC16C621 Datasheet HTML 16Page - Microchip Technology PIC16C621 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
© 1998 Microchip Technology Inc.
Preliminary
DS30235G-page 13
PIC16C62X
4.0
MEMORY ORGANIZATION
4.1
Program Memory Organization
The PIC16C62X has a 13-bit program counter capable
of addressing an 8K x 14 program memory space. Only
the
first
512
x
14
(0000h
-
01FFh)
for
the
PIC16C620(A) and PIC16CR620, 1K x 14 (0000h -
03FFh) for the PIC16C621(A) and 2K x 14 (0000h -
07FFh) for the PIC16C622(A) are physically imple-
mented. Accessing a location above these boundaries
will cause a wrap-around within the first 512 x 14 space
(PIC16C(R)620(A)) or 1K x 14 space (PIC16C621(A))
or 2K x 14 space (PIC16C622(A)). The reset vector is
at 0000h and the interrupt vector is at 0004h
(Figure 4-1, Figure 4-2, Figure 4-3).
FIGURE 4-1:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16C620/PIC16C620A/
PIC16CR620A
PC<12:0>
13
000h
0004
0005
01FFh
0200h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
FIGURE 4-2:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16C621/PIC16C621A
FIGURE 4-3:
PROGRAM MEMORY MAP
AND STACK FOR THE
PIC16C622/PIC16C622A
PC<12:0>
13
000h
0004
0005
03FFh
0400h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2
PC<12:0>
13
000h
0004
0005
07FFh
0800h
1FFFh
Stack Level 1
Stack Level 8
Reset Vector
Interrupt Vector
On-chip Program
Memory
CALL, RETURN
RETFIE, RETLW
Stack Level 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com