| Electronic Components Datasheet Search |
|
ICM7211AMlPLZ Datasheet(PDF) 1 Page - Intersil Corporation |
|
|
|||||||||||||||||||||||||||||
ICM7211AMlPLZ Datasheet(HTML) 1 Page - Intersil Corporation |
|
1 / 9 page ![]() 1 ICM7211AM 4-Digit, LCD Display Driver The ICM7211AM device is a non-multiplexed four-digit seven-segment CMOS LCD display decoder-driver. This device is configured to drive conventional LCD displays by providing a complete RC oscillator, divider chain, backplane driver, and 28 segment outputs. It also has a microprocessor compatible input configuration, which provides data input latches and Digit Address latches under control of high-speed Chip Select inputs. These devices simplify the task of implementing a cost-effective alphanumeric seven-segment display for microprocessor systems, without requiring extensive ROM or CPU time for decoding and display updating. The ICM7211AM provides the “Code B” output code, i.e., 0-9, dash, E, H, L, P, blank, but will correctly decode true BCD to seven-segment decimal outputs. Features • Four Digit Non-Multiplexed 7 Segment LCD Display Outputs with Backplane Driver • Complete Onboard RC Oscillator to Generate Backplane Frequency • Backplane Input/Output Allows Simple Synchronization of Slave-Devices to a Master • Provides Data and Digit Address Latches Controlled by Chip Select Inputs to Provide a Direct High Speed Processor Interface • Decodes Binary to Code B (0-9, Dash, E, H, L, P, Blank) • Pb-Free Plus Anneal Available (RoHS Compliant) Ordering Information PART NUMBER PART MARKING DISPLAY TYPE DISPLAY DECODING INPUT INTERFACING DISPLAY DRIVE TYPE TEMP. RANGE (°C) PACKAGE PKG. DWG. # ICM7211AMlM44 ICM7211AMlM44 LCD Code B Microprocessor Direct Drive -40 to 85 44 Ld MQFP Q44.10x10 ICM7211AMlPL (No longer available, recommended replacement: ICM7211AMIPLZ) ICM7211AMlPL LCD Code B Microprocessor Direct Drive -40 to 85 40 Ld PDIP E40.6 ICM7211AMlPLZ (Note) ICM7211AMlPLZ LCD Code B Microprocessor Direct Drive -40 to 85 40 Ld PDIP* (Pb-free) E40.6 NOTE: Intersil Pb-free plus anneal products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte tin plate termination finish, which are RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. *Pb-free PDIPs can be used for through hole wave solder processing only. They are not intended for use in Reflow solder processing applications. Data Sheet FN3158.8 October 22, 2015 CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures. 1-888-INTERSIL or 1-888-468-3774 | Copyright Intersil Americas LLC 2001, 2004-2006, 2015. All Rights Reserved Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries. All other trademarks mentioned are the property of their respective owners. |
Similar Part No. - ICM7211AMlPLZ |
|
Similar Description - ICM7211AMlPLZ |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |