Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84582 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84582
Description  Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84582 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84582 Datasheet HTML 1Page - Intersil Corporation ISL84582 Datasheet HTML 2Page - Intersil Corporation ISL84582 Datasheet HTML 3Page - Intersil Corporation ISL84582 Datasheet HTML 4Page - Intersil Corporation ISL84582 Datasheet HTML 5Page - Intersil Corporation ISL84582 Datasheet HTML 6Page - Intersil Corporation ISL84582 Datasheet HTML 7Page - Intersil Corporation ISL84582 Datasheet HTML 8Page - Intersil Corporation ISL84582 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6213.3
ISL84582
Low-Voltage, Single and Dual Supply,
Differential 4-to-1 Multiplexer
The Intersil ISL84582 device is made of precision,
bi-directional, analog switches configured as a differential
4-Channel multiplexer/demultiplexer. It is designed to operate
from a single +2V to +12V supply or from a ±2V to ±6V dual
supplies. The device has an inhibit pin to simultaneously open
all signal paths.
ON-resistance of 39
Ω with a ±5V supply and 125Ω with a
single +3.3V supply. Each switch can handle rail-to-rail
analog signals. The off-leakage current is only 0.02nA at
+25°C or 0.2nA at +85°C.
All digital inputs have 0.8V to 2.4V logic thresholds, ensuring
TTL/CMOS logic compatibility when using a single 3.3V or
+5V supply or dual ±5V supplies.
The ISL84582 is a differential 4-to-1 multiplexer device.
Table 1 summarizes the performance of this part.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
• Application Note AN520 “CMOS Analog Multiplexers and
Switches; Specifications and Application Considerations.”
• Application Note AN1034 “Analog Switch and Multiplexer
Applications”
Features
• Pb-Free (RoHS Compliant)
• Fully Specified at 3.3V, 5V, ±5V, and 12V Supplies for 10%
Tolerances
• ON-resistance (rON), VS = ±4.5V . . . . . . . . . . . . . . . . 44Ω
• ON-resistance (rON), VS = +3V . . . . . . . . . . . . . . . . 175Ω
•rON Matching Between Channels, VS = ±5V . . . . . . . . . <2Ω
• Low Charge Injection, VS = ±5V . . . . . . . . . . . . . 1pC (Max)
• Single Supply Operation. . . . . . . . . . . . . . . . . . . +2V to +12V
• Dual Supply Operation . . . . . . . . . . . . . . . . . . . . . ±2V to ±6V
• Low Power Consumption (PD) . . . . . . . . . . . . . . . . . . . .<3µW
• Fast Switching Action (VS = +5V)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 43ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed Max Off-Leakage . . . . . . . . . . . . . . . . . . . 2.5nA
• Guaranteed Break-Before-Make
• TTL, CMOS Compatible
Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
-Radios
- Telecom Infrastructure
- ADSL, VDSL Modems
• Test Equipment
- Medical Ultrasound
- Magnetic Resonance Image
- CT and PET Scanners (MRI)
-ATE
- Electrocardiograph
• Audio and Video Signal Routing
• Various Circuits
- +3V/+5V DACs and ADCs
- Sample and Hold Circuits
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
CONFIGURATION
DIFF 4:1 Mux
±5V rON
39
Ω
±5V tON/tOFF
32ns/18ns
12V rON
32
Ω
12V tON/tOFF
23ns/15ns
5V rON
65
Ω
5V tON/tOFF
43ns/20ns
3.3V rON
125
Ω
3.3V tON/tOFF
70ns/32ns
Package
16 Ld TSSOP
Data Sheet
May 6, 2009
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2005, 2006, 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
logo
Renesas Technology Corp
ISL84582IVZ RENESAS-ISL84582IVZ Datasheet
726Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
More results

Similar Description - ISL84582

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681 Datasheet
604Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
September 2003
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
November 2003
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
March 13, 2006
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
April 13, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
ISL84051 RENESAS-ISL84051 Datasheet
919Kb / 19P
Low Voltage, Single and Dual Supply, 8-to-1 Multiplexer, Dual 4-to-1 Multiplexer and a Triple SPDT Analog Switch
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com