| Electronic Components Datasheet Search |
|
PIC16C745/P Datasheet(PDF) 68 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16C745/P Datasheet(HTML) 68 Page - Microchip Technology |
|
68 / 158 page ![]() PIC16C745/765 DS41124A-page 68 Advanced Information © 1999 Microchip Technology Inc. 10.6 Buffer Descriptor Table (BDT) To efficiently manage USB endpoint communications the USB implements a Buffer Descriptor Table (BDT) in register space. Every endpoint requires a 4 byte Buffer Descriptor (BD) entry. Because the buffers are shared between the MCU and the USB, a simple semaphore mechanism is used to distinguish which is allowed to update the BD and buffers in system mem- ory. The UOWN bit is cleared when the BD entry is “owned” by the MCU. When the UOWN bit is set to 1, the BD entry and the buffer in system memory is owned by the USB. The MCU should not modify the BD or its corresponding data buffer. The Buffer Descriptors provide endpoint buffer control information for the USB and MCU. The Buffer Descrip- tors have different meaning based on the value of the UOWN bit. The USB Controller uses the data stored in the BDs when UOWN = 1 to determine: • Data0 or Data1 PID • Data toggle synchronization enable • Number of bytes to be transmitted or received • Starting location of the buffer The MCU uses the data stored in the BDs when UOWN = 0 to determine: • Data0 or Data1 PID • The received TOKEN PID • Number of bytes transmitted or received Each endpoint has a 4 byte Buffer Descriptor and points to a data buffer in the USB dual port register space. Control of the BD and buffer would typically be handled in the following fashion: • The MCU verifies UOWN = 0, sets the BDndAL to point to the start of a buffer, if necessary fills the buffer, then sets the BDndST byte to the desired value with UOWN = 1. • When the host commands an in or out transac- tion, the Serial Interface Engine (SIE) performs the following: - Get the buffer address - Read or write the buffer - Update the USTAT register - Update the buffer descriptors with the packet ID (PID) value - Set the data 0/1 bit - Update the byte count - Clear the UOWN bit • The MCU is interrupted and reads the USTAT, translates that value to a BD, where the UOWN, PID, Data 0/1, and byte count values are checked. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |